Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3515AL-D14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3515AL-D14-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3515AL-D14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3515AL-D14-R Datasheet HTML 1Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 2Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 3Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 4Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 5Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 6Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 7Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 8Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3515A
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-105,A
PC POWER SUPPLY
SUPERVISOR
DESCRIPTION
The UTC 3515A is specially designed for switching power supply
system. it provides protection circuits, power good output (PGO)
indicator, fault protection output (FPOB) and a PSONB control.
The protection circuits include over voltage protection (OVP),
under voltage protection (UVP) and over current protection (OCP)
monitoring for system voltages and currents.
When 3.3V, 5V or 12V voltage is decreasing to 2.68V, 4.3V and
9.9V respectively, the under voltage protection (UVP) function will be
enabled. FPOB will be set to high to turn off the PWM controller IC.
Toggling the PSONB from low to high will reset the fault protection
latch.
The voltage difference across external current shunt is used for
OCP functions. An external resistor can be used to adjust protection
threshold.
The power supply is turned on after 38mS delay time when
PSONB signal is set from high to low. To turn off power supply,
PSONB signal is set from low to high with the delay time 38mS. The
PGI circuitry provides a power-down warning signal for PGO. When
PGI input is lower than the internal 1.20V reference voltage, PGO
signal is pulled low.
FEATURES
* OVP/UVP monitors 3.3V, 5V, 12V input voltage level.
* OCP monitors IS33, IS5, IS12 input current sense.
* Fault protection output (FPOB) with Open Drain Output stage.
* Power good output (PGO) with Open Drain Output stage.
* 38ms de-bounce time for PSONB input signal.
* 300ms time delay from PGI to PGO.
* 2.4ms time delay for PSONB to turn off FPOB.
DIP-14
SOP-14
* Pb-free plating product number: 3515AL
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
3515A-D14-T
3515AL-D14-T
DIP-14
Tube
3515A-S14-R
3515AL-S14-R
SOP-14
Tape Reel
3515A-S14-T
3515AL-S14-T
SOP-14
Tube
3515AL-D14-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D14: DIP-14, S14: SOP-14
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 3515AL-D14-R

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
logo
Lumberg
3515 LUMBERG-3515 Datasheet
188Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
Alpha Wire
3515 ALPHAWIRE-3515 Datasheet
106Kb / 4P
Customer Specification
logo
Lumberg
3515 LUMBERG-3515 Datasheet
713Kb / 5P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Alpha Wire
3515 ALPHAWIRE-3515 Datasheet
99Kb / 4P
Customer Specification
10/28/2022
More results

Similar Description - 3515AL-D14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_12 Datasheet
351Kb / 11P
PC POWER SUPPLY SUPERVISOR
3513 UTC-3513_15 Datasheet
387Kb / 12P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISOR
S3527L-D16-T UTC-S3527L-D16-T Datasheet
249Kb / 6P
PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7527 WELTREND-WT7527 Datasheet
243Kb / 12P
PC POWER SUPPLY SUPERVISOR
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
PC POWER SUPPLY SUPERVISOR
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
PC Power Supply Supervisor
January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com