Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPRGBCR4 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVSPRGBCR4
Description  Full-color Power SMD 6mm (130째 Viewing Angle)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPRGBCR4 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVSPRGBCR4 Datasheet HTML 1Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 2Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 3Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 4Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 5Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A.2 07/07
Page 1 of 6
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Full-color Power SMD 6mm
(130°Viewing Angle)
OVSPRGBCR4
x
Surface mount RGB designed for high current drive
x
Low thermal resistance—20K/W
x
Ultra low profile of 1.5mm
x
High flux output
The OVSPRGBCR4 is an energy-efficient packaged LED source that offers high luminance, and a long operating
lifespan. This full-color power device offers a 130°viewing angle and an ultra-low profile (1.5mm) making it highly
suitable for conventional lighting and specialized applications. Optional optics are offered to suit application.
Please contact OPTEK for more information.
Applications
x
Automotive exterior and interior lighting
x
Architectural indoor and outdoor lighting
x
General lighting
x
LED backlighting
Product Photo Here
Part Number
Viewing Angle Emitted Color
Typical Luminous
Flux (lm)
Typical On-Axis
Intensity (cd)
Lens Color
130°
Red
21
7
Water Clear
Green
32
11
Water Clear
Blue
7.5
2.8
Water Clear
OVSPRGBCR4
2
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
ORIENTATION MARK
.039
.079


Similar Part No. - OVSPRGBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSPRGBCR4 TTELEC-OVSPRGBCR4 Datasheet
886Kb / 6P
Automotive exterior and interior lighting
OVSPRGBCR4 TTELEC-OVSPRGBCR4 Datasheet
735Kb / 6P
Full-color Power SMD 6mm (130˚ Viewing Angle)
07/2019
More results

Similar Description - OVSPRGBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
Kingbright Corporation
APFA3210QBCVGASEKC KINGBRIGHT-APFA3210QBCVGASEKC Datasheet
221Kb / 7P
3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
logo
OPTEK Technologies
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
1-Watt SMD 6mm (120째 Viewing Angle)
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
logo
A-BRIGHT Inc
AL-HB5G6JF34T A-BRIGHT-AL-HB5G6JF34T Datasheet
344Kb / 5P
Right Angle Lens With Full Color SMD
2006/10/12
AL-HD0G6B534T A-BRIGHT-AL-HD0G6B534T Datasheet
344Kb / 5P
Right Angle Lens With Full Color SMD
2006/10/12
logo
Kingbright Corporation
APFA3210PBAVGASURKC KINGBRIGHT-APFA3210PBAVGASURKC Datasheet
224Kb / 7P
3.2x1.0mm RIGHT ANGLE FULL COLOR SMD CHIP LED LAMP
logo
Lucky Light Electronic
GB-3128RGB LUCKY-LIGHT-GB-3128RGB Datasheet
46Kb / 1P
SMD LED FULL COLOR TYPE
logo
List of Unclassifed Man...
OVSRRGBCC3 ETC2-OVSRRGBCC3 Datasheet
231Kb / 7P
Full-Color 1204 SMD (150째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com