Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPRGBCR4 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OVSPRGBCR4
Description  Full-color Power SMD 6mm (130째 Viewing Angle)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPRGBCR4 Datasheet(HTML) 4 Page - OPTEK Technologies

  OVSPRGBCR4 Datasheet HTML 1Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 2Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 3Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 4Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 5Page - OPTEK Technologies OVSPRGBCR4 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A.2 07/07
Page 4 of 6
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Full-color Power SMD 6mm
OVSPRGBCR4
2.1
2.1
1
0.3
0.3
0.3
Solder Pad Design
Note: Metal core circuit board (MCPCB) is highly recommended for applications.
Taping and Orientation
Ø1.5
2±0.05
4±0.1
12±0.1
0.292±0.02
1.68±0.1
+0.2
5
-0
Ø1.5 +
0.1
-0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com