Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C164L Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C164L
Description  LOW POWER 8K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164L Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C164L Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164L Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164L Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164L Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164L Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164L Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164L Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164L Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164L Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Document # SRAM116 REV B
Revised June 2007
V
CC Current (Commercial/Industrial)
— Operating: 55 mA
— CMOS Standby: 3 µA
Access Times
—80/100 (Commercial or Industrial)
Single 5 Volts ±10% Power Supply
Easy Memory Expansion Using CE
1, CE2 and OE
OE
OE
OE
OE
Inputs
Memory locations are specified on address pins A
0 to
A
12. Reading is accomplished by device selection (CE
1
low CE
2 high) and output enabling (OE) while write en-
able (
WE) remains HIGH. By presenting the address
under these conditions, the data in the addressed memory
location is presented on the data input/output pins. The
input/output pins stay in the HIGH Z state when either
CE
1 or OE is HIGH or WE or CE2 is LOW.
Package options for the P4C164L include 28-pin 300 and
600 mil DIP and 28-pin 330 mil SOP packages.
P4C164L
LOW POWER 8K x 8
STATIC CMOS RAM
Common Data I/O
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Automatic Power Down
Packages
—28-Pin 300 and 600 mil DIP
—28-Pin 330 mil SOP
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
DESCRIPTION
The P4C164L device provides asynchronous operation
with matching access and cycle times.
FEATURES
The P4C164L is a 64K density low power CMOS
static RAM organized as 8Kx8. The CMOS memory
requires no clocks or refreshing, and has equal access
and cycle times. Inputs are fully TTL-compatible. The
RAM operates from a single 5V±10% tolerance power
supply.
Access times of 80 ns and 100 ns are available. CMOS
is utilized to reduce power consumption to a low level.
DIP (P5, P6), SOP (S5)
TOP VIEW


Similar Part No. - P4C164L

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003CLF PYRAMID-P4C164LL-10003CLF Datasheet
895Kb / 10P
VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003ILF PYRAMID-P4C164LL-10003ILF Datasheet
895Kb / 10P
VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003MBLF PYRAMID-P4C164LL-10003MBLF Datasheet
895Kb / 10P
VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003MLF PYRAMID-P4C164LL-10003MLF Datasheet
895Kb / 10P
VERY LOW POWER 8Kx8 STATIC CMOS RAM
More results

Similar Description - P4C164L

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M64A TMT-T15M64A Datasheet
87Kb / 13P
8K X 8 LOW POWER CMOS STATIC RAM?
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com