Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C167 Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C167
Description  ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C167 Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C167 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
P4C167
Page 4 of 10
Document # SRAM106 REV A
Notes:
5. CE is LOW and WE is HIGH for READ cycle.
6. WE is HIGH, and address must be valid prior to or coincident with CE
transition LOW.
7. Transition is measured ±200mV from steady state voltage prior to
change with specified loading in Figure 1. This parameter is sampled
and not 100% tested.
8. Read Cycle Time is measured from the last valid address to the first
transitioning address.
TIMING WAVEFORM OF READ CYCLE NO. 2(6)
TIMING WAVEFORM OF READ CYCLE NO. 1(5)
Symbol
t
RC
t
AA
t
AC
t
OH
t
LZ
t
HZ
t
PU
t
PD
Parameter
Read Cycle Time
Address Access
Time
Chip Enable
Access Time
Output Hold from
Address Change
Chip Enable to
Output in Low Z
Chip Disable to
Output in High Z
Chip Enable to
Power Up Time
Chip Disable to
Power Down Time
Min
Min
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Max
Max
–10
–12
–15
–20
–25
–35
–45
Unit
10
2
2
0
10
10
5
10
12
2
2
0
12
12
6
12
15
2
2
0
15
15
8
15
20
2
2
0
20
20
10
20
25
2
2
0
25
25
12
25
35
2
2
0
35
35
17
35
45
2
2
0
45
45
20
45
ns
ns
ns
ns
ns
ns
ns
ns
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com