Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C167 Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C167
Description  ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C167 Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C167 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C167 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
P4C167
Page 5 of 10
Document # SRAM106 REV A
Notes:
9. CE and WE must be LOW for WRITE cycle.
10. If CE goes HIGH simultaneously with WE HIGH, the output remains
in a high impedance state.
11. Write Cycle Time is measured from the last valid address to the first
transition address.
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(9)
Parameter
Symbol
–10
–12
–15
–20
–25
–35
–45
Min Max
Max
Max
Max
Max
Max
Max
Min
Min
Min
Min
Min
Min
t
WC
t
CW
t
AW
t
AS
Write Cycle Time
Chip Enable Time
to End of Write
Address Valid to
End of Write
Address Set-up
Time
t
WZ
t
DH
t
DW
t
AH
t
WP
Write Pulse Width
Address Hold Time
from End of Write
Data Valid to End
of Write
Data Hold Time
Write Enable to
Output in High Z
t
OW
Output Active from
End of Write
10
8
8
0
8
0
6
0
0
6
12
10
10
0
10
0
7
0
0
7
15
2
12
0
12
0
10
0
0
8
20
15
15
0
15
0
13
0
0
12
25
20
20
0
20
0
15
0
0
15
35
25
25
0
25
0
20
0
0
17
45
30
30
0
30
0
25
0
0
20
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
AC CHARACTERISTICS - WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com