Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2953AS8PT Datasheet(PDF) 3 Page - Wuxi Chipown Micro-electronics limited

Part # AP2953AS8PT
Description  3A, 18V Synchronous Rectified Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP2953AS8PT Datasheet(HTML) 3 Page - Wuxi Chipown Micro-electronics limited

  AP2953AS8PT Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP2953A
Chipown
8/F, ChuangYuan Building
No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
V2.0
3 / 9
Ordering Information
Part number
Mark
1
Package
Temperature
AP2953AS8PT
2953A
YYWW
1
SOP8-PP& IC tube
–20℃to +85℃
AP2953AS8PR
2953A
YYWW
1
SOP8-PP& Embossed tape
–20℃to +85℃
1. Y=year
W=week
Pin Configuration
5
6
7
8
4
3
2
Pin Description
Pin #
Name
Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel
MOSFET switch. Connect a 0.01μF or greater capacitor from SW to BS to power the high
side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches.
Drive IN with a 4.75V to 18V power source. Bypass IN to GND with a suitably large
capacitor to eliminate noise on the input to the IC. See Input Capacitor.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load. Note that a capacitor is required
from SW to BS to power the high-side switch.
4
GND
Ground (Connect Exposed Pad to Pin 4).
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 0.925V. See
Setting the Output Voltage.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect
a series RC network from COMP to GND to compensate the regulation control loop. In
some cases, an additional capacitor from COMP to GND is required. See Compensation
Components.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn
on the regulator, drive it low to turn it off. Pull up with 100kΩ resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from SS to
GND to set the soft-start period. A 0.1μF capacitor sets the soft-start period to 15ms. To
disable the soft-start feature, leave SS unconnected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com