Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2953AS8PT Datasheet(PDF) 7 Page - Wuxi Chipown Micro-electronics limited

Part # AP2953AS8PT
Description  3A, 18V Synchronous Rectified Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP2953AS8PT Datasheet(HTML) 7 Page - Wuxi Chipown Micro-electronics limited

  AP2953AS8PT Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP2953AS8PT Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP2953A
Chipown
8/F, ChuangYuan Building
No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
V2.0
7 / 9
2. Choose the compensation capacitor (C3) to achieve the
desired phase margin. For applications with typical inductor
values, setting the compensation zero, fZ1, below one-forth of
the crossover frequency provides sufficient phase margin.
Determine the C3 value by the following equation:
Where R3 is the compensation resistor.
3. Determine if the second compensation capacitor (C6) is
required. It is required if the ESR zero of the output capacitor
is located at less than half of the switching frequency, or the
following relationship is valid:
If this is the case, then add the second compensation
capacitor (C6) to set the pole fP3 at the location of the ESR
zero. Determine the C6 value by the equation:
External Bootstrap Diode
An external bootstrap diode may enhance the efficiency of the
regulator, the applicable conditions of external BS diode are:
●
VOUT is 5V or 3.3V; and
●
Duty cycle is high: D=VOUT/VIN >65%
In these cases, an external BS diode is recommended from the
output of the voltage regulator to BS pin, as shown in Figure4
Figure 4
Add Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BS diode is IN4148, and the BS
cap is 0.1~1µF.
Typical Performence Characteristics
Short circuit test (Channel3:ISW, Channel2:VO)
soft-start (Channel1:EN, Channel2:VO)
Transient response (Channel3:ISW, Channel2:VO)
Ripple
Typical Application Circuits



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com