Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2953AS8PR Datasheet(PDF) 5 Page - Wuxi Chipown Micro-electronics limited

Part # AP2953AS8PR
Description  3A, 18V Synchronous Rectified Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP2953AS8PR Datasheet(HTML) 5 Page - Wuxi Chipown Micro-electronics limited

  AP2953AS8PR Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP2953AS8PR Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP2953AS8PR Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP2953AS8PR Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP2953AS8PR Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP2953AS8PR Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP2953AS8PR Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP2953AS8PR Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP2953AS8PR Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP2953A
Chipown
8/F, ChuangYuan Building
No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
V2.0
5 / 9
Application Information
Component Selection
Setting the Output Voltage
The output voltage is set using a resistive voltage divider
from the output voltage to FB (see Typical Application
circuit on page 1). The voltage divider divides the output
voltage down by the ratio:
Where VFB is the feedback voltage and VOUT is the
output voltage.
Thus the output voltage is:
R2 can be as high as 100kΩ, but a typical value is 10kΩ.
Using the typical value for R2, R1 is determined by:
For example, for a 3.3V output voltage, R2 is 10kΩ, and R1
is 26.1kΩ. Table 1 lists recommended resistance values of R1
and R2 for standard output voltages.
Inductor
The inductor is required to supply constant current to the
output load while being driven by the switched input voltage.
A larger value inductor will result in less ripple current that
will result in lower output ripple voltage. However, the larger
value inductor will have a larger physical size, higher series
resistance, and/or lower saturation current. A good rule for
determining the inductance to use is to allow the peak-to-peak
ripple current in the inductor to be approximately 30% of the
maximum switch current limit. Also, make sure that the peak
inductor current is below the maximum switch current limit.
The inductance value can be calculated by:
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ΔIL is the peak-
to-peak inductor ripple current.
Choose an inductor that will not saturate under the maximum
inductor peak current. The peak inductor current can be
calculated by:
Where ILOAD is the load current.
The choice of which style inductor to use mainly depends on
the price vs. size requirements and any EMI requirements.
Optional Schottky Diode
During the transition between high-side switch and low-side
switch, the body diode of the lowside power MOSFET
conducts the inductor current. The forward voltage of this
body diode is high. An optional Schottky diode may be
paralleled between the SW pin and GND pin to improve
overall efficiency. Table 2 lists example Schottky diodes and
their Manufacturers.
Input Capacitor
The input current to the step-down converter is discontinuous,
therefore a capacitor is required to supply the AC current to the
step-down converter while maintaining the DC input voltage.
Use low ESR capacitors for the best performance. Ceramic
capacitors are preferred, but tantalum or low-ESR electrolytic
capacitors may also suffice. Choose X5R or X7R dielectrics
when using ceramic capacitors. Since the input capacitor
absorbs the input switching current it requires an adequate
ripple current rating. The RMS current in the input capacitor
can be estimated by:
The worst-case condition occurs at VIN = 2VOUT, where
ICIN = ILOAD/2. For simplification, choose the input
capacitor whose RMS current rating greater than half of the
maximum load current. The input capacitor can be electrolytic,
tantalum or ceramic. When using electrolytic or tantalum
capacitors, a small, high quality ceramic capacitor, i.e. 0.1μF,



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com