Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2953AS8PR Datasheet (PDF) - Wuxi Chipown Micro-electronics limited

AP2953AS8PR Datasheet PDF - Wuxi Chipown Micro-electronics limited
Part # AP2953AS8PR
Download  AP2953AS8PR Download
File Size   311.53 Kbytes
Page   9 Pages
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited
Description 3A, 18V Synchronous Rectified Step-Down Converter

AP2953AS8PR Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2953AS8PR Datasheet PDF - Wuxi Chipown Micro-electronics limited

Part # AP2953AS8PR
Download  AP2953AS8PR Click to download

File Size   311.53 Kbytes
Page   9 Pages
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited
Description 3A, 18V Synchronous Rectified Step-Down Converter

AP2953AS8PR Datasheet (HTML) - Wuxi Chipown Micro-electronics limited


AP2953AS8PR Product details

Description
The AP2953A is a monolithic synchronous buck regulator.
The device integrates 100mΩ MOSFETS that provide 3A
continuous load current over a wide operating input voltage
of 4.75V to 18V. Current mode control provides fast transient
response and cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current at turn-on. In
shutdown mode, the supply current drops below 1μA.
This device, available in an 8-pin SOP package, provides a
very compact system solution with minimal reliance on
external components.

Features
3A Output Current
Wide 4.75V to 18V Operating Input Range
Integrated 100mΩ Power MOSFET Switches
Output Adjustable from 0.925V to 15V
Up to 95% Efficiency
Programmable Soft-Start
Stable with Low ESR Ceramic Output Capacitors
Fixed 370KHz Frequency
Cycle-by-Cycle Over Current Protection
Input Under Voltage Lockout
Thermally Enhanced 8-Pin SOP Package

Applications
Distributed Power Systems
Networking Systems
FPGA, DSP, ASIC Power Supplies
Green Electronics/ Appliances
Notebook Computers




Similar Part No. - AP2953AS8PR

ManufacturerPart #DatasheetDescription
logo
Wuxi Chipown Micro-elec...
AP2953 CHIPOWN-AP2953 Datasheet
157Kb / 1P
3A, 23V Synchronous Rectifier Step-Down Regulator
More results


Similar Description - AP2953AS8PR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
2A, 18V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3286 E-CMOS-EC3286 Datasheet
1,011Kb / 14P
3A 32V Synchronous Rectified Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
2A, 18V Synchronous Rectified Step-Down Converter
MP9472 MPS-MP9472 Datasheet
756Kb / 16P
0.45A, 18V, Non-Synchronous, Rectified, Step-Down Converter
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
AiT Semiconductor Inc.
A7230 AITSEMI-A7230 Datasheet
1Mb / 17P
DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED
REV1.1
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com