Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8138S Datasheet(PDF) 1 Page - Chipstar Micro-electronics

Part # CS8138S
Description  No gravel, ultra-low EMI, 5.0W, mono Class D audio power amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSTAR [Chipstar Micro-electronics]
Direct Link  http://www.chipstar-ic.com/
Logo CHIPSTAR - Chipstar Micro-electronics

CS8138S Datasheet(HTML) 1 Page - Chipstar Micro-electronics

  CS8138S Datasheet HTML 1Page - Chipstar Micro-electronics CS8138S Datasheet HTML 2Page - Chipstar Micro-electronics CS8138S Datasheet HTML 3Page - Chipstar Micro-electronics CS8138S Datasheet HTML 4Page - Chipstar Micro-electronics CS8138S Datasheet HTML 5Page - Chipstar Micro-electronics CS8138S Datasheet HTML 6Page - Chipstar Micro-electronics CS8138S Datasheet HTML 7Page - Chipstar Micro-electronics CS8138S Datasheet HTML 8Page - Chipstar Micro-electronics CS8138S Datasheet HTML 9Page - Chipstar Micro-electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image


Similar Part No. - CS8138S

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
25Kb / 4P
MULTI STANDARD INFRARED TRANSCEIVER
logo
List of Unclassifed Man...
CS8130 ETC1-CS8130 Datasheet
292Kb / 28P
Multi-Standard Infrared Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
193Kb / 4P
Revision G Addendum
CS8130 CIRRUS-CS8130 Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
logo
List of Unclassifed Man...
CS8130-CS ETC1-CS8130-CS Datasheet
292Kb / 28P
Multi-Standard Infrared Transceiver
More results

Similar Description - CS8138S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Power Analog Micoelectr...
PAM8303D PAM-PAM8303D Datasheet
277Kb / 17P
Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48512 TI1-LM48512 Datasheet
688Kb / 17P
PowerWise짰 Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
Shenzhen Naxinwei Techn...
NS4160 NSIWAY-NS4160 Datasheet
625Kb / 14P
Class AB/Class D switching, ultra-low EMI, no filter required, 5W mono audio amplifier
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com