Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1048L-70CWC Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C1048L-70CWC
Description  LOW POWER 512K x 8 CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1048L-70CWC Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C1048L-70CWC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
P4C1048L
Page 4 of 12
Document # SRAM129 REV D
READ CYCLE NO. 1 (
OE
OE
OE
OE
OE CONTROLLED)(1)
AC ELECTRICAL CHARACTERISTICS - READ CYCLE
(Over Recommended Operating Temperature & Supply Voltage)
Symbol
Parameter
-45
Min
Max
-100
Min
Max
Unit
t
RC
45
ns
t
AA
Address Access Time
45
100
ns
t
AC
Chip Enable Access
Time
45
100
ns
t
OH
Output Hold from
Address Change
55
ns
t
LZ
Chip Enable to
Output in Low Z
10
10
ns
t
HZ
Chip Disable to
Output in High Z
18
35
ns
t
OE
Output Enable Low
to Data Valid
22
45
ns
t
OLZ
Output Enable Low to
Low Z
55
ns
t
OHZ
Output Enable High
to High Z
18
35
ns
t
PU
Chip Enable to Power
Up Time
00
ns
t
PD
Chip Disable to
Power Down Time
45
100
ns
Read Cycle Time
100
55
55
20
25
20
55
70
70
25
35
25
70
55
5
10
5
0
70
5
10
5
0
-55
Min
Max
-70
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com