Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1048L-70CWC Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1048L-70CWC
Description  LOW POWER 512K x 8 CMOS STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1048L-70CWC Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1048L-70CWC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1048L-70CWC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
P4C1048L
Page 3 of 12
Document # SRAM129 REV D
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)(b)
I
SB
Standby Power Supply
Current (TTL Input Levels)
CE
≥ V
IH
Mil.
V
CC= Max,
Ind./Com’l.
f = Max., Outputs Open
CE
≥ V
HC
Mil.
V
CC= Max,
Ind./Com’l.
f = 0, Outputs Open
V
IN ≤ VLC or VIN ≥ VHC
Standby Power Supply
Current
(CMOS Input Levels)
I
SB1
Symbol
V
IH
V
IL
V
HC
V
LC
I
LI
I
LO
Parameter
Input High Voltage
Input Low Voltage
CMOS Input High Voltage
CMOS Input Low Voltage
Input Leakage Current
Test Conditions
V
CC = Max.
Mil.
V
IN = GND to VCC
Ind./Com’l.
V
CC = Max.,
Mil.
CE = V
IH,
Ind./Com’l.
V
OUT = GND to VCC
Unit
V
V
V
V
µA
µA
mA
µA
V
OL
Output Low Voltage
(TTL Load)
I
OL = +2.1 mA, VCC = Min.
V
Output High Voltage
(TTL Load)
V
OH
I
OH = –1 mA, VCC = Min.
V
Output Leakage Current
P4C1048L
___
___
5
3
100
30
___
___
Min
2.2
–0.5(c)
V
CC –0.2
–0.5(c)
–10
–5
–10
–5
Max
V
CC +0.5
0.8
V
CC +0.5
0.2
+10
+5
+10
+5
0.4
2.4
N/A = Not Applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com