Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0234 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOS0234
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0234 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOS0234 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0234 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BOS R020K-PS-RH12-00,2-S75
Order Code: BOS0234
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 271973
ETIM 6.0: EC001822
BOS0234_0.74_2024-10-15
1 / 2
1) Optical axis receiver, 2) Optical axis emitter, 3) Operating voltage, 4) Light reception, 5) Sn
Basic features
Approval/Conformity
CE
cULus
WEEE
UKCA
Basic standard
IEC 60947-5-2
Principle of operation
Photoelectric sensor
Series
R020K
Style
Square
Connection 60°
Display/Operation
Adjuster
3-turn potentiometer
Display
LED green: Power
LED yellow: Light received
Setting
Rated switching distance (Sn)
Electrical connection
Cable diameter D
2.40 mm
Cable length L
0.2 m
Connection
Cable with connector, M8x1-Male,
4-pin, 0.20 m, PVC
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
No-load current Io max. at Ue
20 mA
Operating voltage Ub
10...30 VDC
Protection class
III
Rated insulation voltage Ui
50 V DC
Rated operating current Ie
50 mA
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
20 %
Switching frequency
800 Hz
Turn-off delay toff max.
0.5 ms
Turn-on delay ton max.
0.5 ms
Voltage drop Ud max. at Ie
2.5 V
Environmental conditions
Ambient temperature
-20...50 °C
IP rating
IP67
Functional safety
MTTF (40 °C)
3487 a
Interface
Switching output
PNP normally open (NO) Pin 4
Material
Housing material
ABS
Material jacket
PVC
Material sensing surface
PMMA


Similar Part No. - BOS0234

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS020F BALLUFF-BOS020F Datasheet
124Kb / 2P
Photoelectric Sensors
2024-09-02
BOS020T BALLUFF-BOS020T Datasheet
126Kb / 2P
Photoelectric Sensors
2024-10-15
BOS0214 BALLUFF-BOS0214 Datasheet
99Kb / 2P
Photoelectric Sensors
2024-10-15
BOS021J BALLUFF-BOS021J Datasheet
102Kb / 2P
Photoelectric Sensors
2024-09-02
BOS021L BALLUFF-BOS021L Datasheet
103Kb / 2P
Photoelectric Sensors
2024-09-19
More results

Similar Description - BOS0234

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com