Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS0234 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS0234
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS0234 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS0234 Datasheet HTML 1Page - Balluff Korea Ltd. BOS0234 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS R020K-PS-RH12-00,2-S75
Order Code: BOS0234
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-04
Subject to change without notice: 271973
ETIM 6.0: EC001822
BOS0234_0.74_2024-10-15
2 / 2
Mechanical data
Dimension
7.7 x 32.5 x 13.5 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Focus, typical at 15 mm
Light spot size
Ø 4.4 mm at 80 mm
Light type
LED, red light
Principle of optical operation
Diffuse sensor, triangulation
Special optical feature
Background suppression
Switching function, optical
Light-on
Wave length
660 nm
Range/Distance
Range
1...150 mm
Rated operating distance Sn
150 mm
Remarks
Order accessories separately.
For additional information, refer to user's guide.
Reference object (target): gray card, 100 x 100, 90 % remission, axial approach.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com