Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2003750000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2003750000
Description  Dekafix, Terminal marker, 5 x 3.5 mm, Pitch in mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2003750000 Datasheet(HTML) 1 Page - Weidmuller

  2003750000 Datasheet HTML 1Page - Weidmuller 2003750000 Datasheet HTML 2Page - Weidmuller 2003750000 Datasheet HTML 3Page - Weidmuller 2003750000 Datasheet HTML 4Page - Weidmuller 2003750000 Datasheet HTML 5Page - Weidmuller 2003750000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data sheet
 
 
Creation date November 6, 2024 2:19:44 AM CET
 
Catalogue status 26.10.2024 / We reserve the right to make technical changes.
1
DEK 5/3.5 PLUS MC NE WS
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
The Dekafix (DEK) marker is the universal marker for all
conductor and plug-in connectors as well as for electronic
sub-assemblies. The system is ideal for short number se-
quences and covers a wide range of ready-printed mark-
ers.
Strips for fast installation in only one work step. The print-
ing is easy to read, rich in contrast and available in various
widths.
• Large range of ready-to-use markers
• Strips for fast installation
• Terminal markers, suitable for all Weidmüller cable con-
nectors
• Available as blank MultiCard or with standard printing
For custom printing: Please send us a file of our label-
ing software M-Print PRO or M-Print PRO Online (without
installation) for your labeling specifications.
General ordering data
 
Version
Dekafix, Terminal marker, 5 x 3.5 mm, Pitch in mm
(P): 3.50 Weidmueller, white
Order No.
2003750000
Type
DEK 5/3.5 PLUS MC NE WS
GTIN (EAN)
4050118424430
Qty.
1,600 pc(s).
compatible printer
2715590000 2438520000 2438510000
 


Similar Part No. - 2003750000

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
20037 HONEYWELL-ACC-20037 Datasheet
347Kb / 6P
Other AC and DC Meters Available
logo
Infinite Electronics In...
2003719 L-COM-2003719 Datasheet
206Kb / 2P
PROFINET Cat.5e
2003719-F L-COM-2003719-F Datasheet
206Kb / 2P
PROFINET Cat.5e
2003720 L-COM-2003720 Datasheet
206Kb / 2P
PROFINET Cat.5e
2003721 L-COM-2003721 Datasheet
206Kb / 2P
PROFINET Cat.5e
More results

Similar Description - 2003750000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
3.5 x 7 mm SMT Tactile Switches with Ground Terminal
logo
List of Unclassifed Man...
HHT ETC1-HHT Datasheet
442Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Eaton All Rights Reserv...
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Weidmuller
1806120000 WEIDMULLER-1806120000 Datasheet
491Kb / 5P
EM, Terminal marker, 32.4 x 7.2 mm
0473460501 WEIDMULLER-0473460501 Datasheet
503Kb / 5P
Dekafix, Terminal marker, 5 x 5 mm, Pitch in mm P): 5.00 Weidmueller, white
September 13, 2021
1112920000 WEIDMULLER-1112920000 Datasheet
509Kb / 6P
Group markers, Cover, 33.3 x 5 mm, Pitch in mm
September 19, 2021
logo
WAGO Kontakttechnik Gmb...
2601-1105 WAGO-2601-1105 Datasheet
1Mb / 4P
PCB terminal block; lever; 1.5 mm²; Pin spacing 3.5 mm; 5-pole; Push-in CAGE CLAMP®; 1,50 mm²; gray
Version 26.12.2022
2601-3105 WAGO-2601-3105 Datasheet
1Mb / 4P
PCB terminal block; lever; 1.5 mm²; Pin spacing 3.5 mm; 5-pole; Push-in CAGE CLAMP®; 1,50 mm²; gray
Version 26.12.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com