Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC2501 Datasheet(PDF) 1 Page - Semtech Corporation

Part # KBPC2501
Description  HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE: 50V to 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

KBPC2501 Datasheet(HTML) 1 Page - Semtech Corporation

  KBPC2501 Datasheet HTML 1Page - Semtech Corporation KBPC2501 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC25005~KBPC2510
HIGH CURRENT SINGLE-PHASE SI LICON BRIDGE RECTIFIERS
REVERSE VOLTAGE: 50V to 1000V
FORWARD CURRENT: 25A
Features
•
Surge overload 300 Amperes peak
•
Low power loss, high efficiency
•
Low reverse leakage current
Absolute Maximum Ratings and Characteristics
Rating at 25
oC ambient temperature unless otherwise specified. resistive or inductive load 60 Hz,.
For capacitive load current by 20%.
Characteristic
KBPC
25005
KBPC
2501
KBPC
2502
KBPC
2504
KBPC
2506
KBPC
2508
KBPC
2510
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
V
0
0
7
0
6
5
0
2
4
0
8
2
0
4
1
0
7
5
3
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at TC = 55
oC
A
5
2
Peak Forward Surge Current, 8.3ms single half
Sine-wave superimposed on rated load
A
0
0
3
Maximum Forward Voltage at 12.5A DC and 25?
V
2
.
1
Maximum Reverse Current at TA = 25
oC
at Rated DC Blocking Voltage TA = 125
oC
10
1000
uA
F
p
0
0
3
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
Typical Thermal Resistance (Note 2)
1.9
? /W
Operating Temperature Range TJ
5
2
1
+
o
t
5
5
-
oC
Storage Temperature Range TS
0
5
1
+
o
t
5
5
-
oC
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0VDC.
2. Thermal resistance from junction t case per leg.
KBPC
®
Тел.: (495) 795-0805
Факс: (495) 234-1603
Эл. почта: info@rct.ru
Веб: www.rct.ru
РАДИОТЕХ


Similar Part No. - KBPC2501

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC2501 WTE-KBPC2501 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC2501 SEMTECH-KBPC2501 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC2501 SSE-KBPC2501 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC2501 CHENYI-KBPC2501 Datasheet
183Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBPC2501 FUJI-KBPC2501 Datasheet
680Kb / 1P
25 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC2501

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RB151 SECOS-RB151 Datasheet
226Kb / 2P
VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers
RS201 SECOS-RS201 Datasheet
225Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS201L SECOS-RS201L Datasheet
290Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS601 SECOS-RS601 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS601M SECOS-RS601M Datasheet
93Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS801 SECOS-RS801 Datasheet
238Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS801M SECOS-RS801M Datasheet
92Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
S20 SECOS-S20 Datasheet
218Kb / 2P
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
logo
AiT Semiconductor Inc.
DB101S AITSEMI-DB101S Datasheet
603Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50V TO 1000V RECTIFIED CURRENT 1.0A
REV2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com