Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN753
Description  Digital Coding Schemes for Mixed Signal Communication
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN753 Datasheet(HTML) 1 Page - Microchip Technology

  AN753 Datasheet HTML 1Page - Microchip Technology AN753 Datasheet HTML 2Page - Microchip Technology AN753 Datasheet HTML 3Page - Microchip Technology AN753 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 2001 Microchip Technology Inc.
DS00753A-page 1
M
AN753
OVERVIEW
An Analog-to-Digital (A/D) converter translates an ana-
log input signal into a discrete digital code. This digital
representation of the “real world” signal can be manip-
ulated in the digital domain for the purposes of informa-
tion processing, computing, data transmission or
control system implementation. In any application
where a converter is used, it is advantageous to have
the code structure complement the microcontroller’s
operands.
This application note describes the straight binary and
binary two’s complement code schemes that are out-
putted by Microchip’s Analog-to-Digital (A/D) convert-
ers.
All code examples given in this application note are for
a 4-bit conversion. The median analog voltages in the
tables are the equivalent analog voltages that are at the
center of the digital code.
STRAIGHT BINARY CODE
The straight binary code is more accurately called uni-
polar straight binary. This digital format for an A/D con-
version is the simplest to understand. As the name
implies, this coding scheme is used only when positive
voltages are converted. An example of this type of cod-
ing is shown in Table 1.
When this scheme is used to represent a positive ana-
log signal range, the digital code for zero volts is equal
to zero (0000 per Table 1). Given an ideal converter
with no offset, gain, INL or DNL error, the code transi-
tion from 0000 to 0001 occurs at the analog value of:
where:
where:
n is equal to the number of bits in the converter
+FS is equal to the analog full-scale range.
The A/D converters from Microchip that produce a
straight binary output code are from the MCP320X (12-
bit) and the MCP300X (10-bit) families.
These devices can be operated in a single ended, pos-
itive voltage input mode or a pseudo-differential input
mode, but in both cases the digital output represents a
positive input voltage. In the pseudo-differential mode,
the IN- input is limited to ±100 mV. This can be used to
cancel small noise signals present on both the IN+ and
IN- inputs. This provides a means of rejecting noise
when the IN- input is used to sense a remote signal
ground. The converter will produce digital code that
represents the analog input when the IN+ input range
is from IN- to (VFS -1 LSB). When the voltage level of
IN+ is less than IN-, the resultant code for the family of
devices will be still be ‘0’, which does not represent a
negative voltage.
Author:
Bonnie C. Baker
Microchip Technology Inc.
First Code Transition
0
1
2
---LSB
+


=
Second Code Transition
1LSB
1
2
---LSB
+


=
LSB
+FS
2
n
-----------
=
Median Analog Voltage
(V)
Digital Code
0.9375 FS (15/16 FS)
1111
0.875 FS (14/16 FS)
1110
0.8125 FS (13/16 FS)
1101
0.75 FS (12/16 FS)
1100
0.6875 FS (11/16 FS)
1011
0.625 FS (10/16 FS)
1010
0.5625 FS (9/16 FS)
1001
0.5 FS (8/16FS)
1000
0.4375 FS (7/16 FS)
0111
0.375 FS (6/16 FS)
0110
0.3125 FS (5/16 FS)
0101
0.25 FS (4/16 FS)
0100
0.1875 FS (3/16 FS)
0011
0.125 FS (2/16 FS)
0010
0.0625 FS (1/16 FS)
0001
0
0000
TABLE 1:
The
unipolar
straight
binary
code
representation of zero volts is equal to a digital (0000).
The analog full-scale minus one LSB digital
representation is equal to (1111). With this code, there
is no digital representation for analog full-scale.
Digital Coding Schemes for Mixed Signal Communication


Similar Part No. - AN753

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN753 MAXIM-AN753 Datasheet
283Kb / 24P
Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
logo
Panasonic Semiconductor
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
Headphone amplifier IC for portable equipment
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
Headphone amplifier IC for portable equipment
More results

Similar Description - AN753

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
MIXED SIGNAL MICROCONTROLLERS
logo
Toshiba Semiconductor
TODX294 TOSHIBA-TODX294 Datasheet
175Kb / 9P
FIBER OPTIC TRANSCEIVING MODULE FOR DUPLEX DIGITAL SIGNAL COMMUNICATION
TODX280A TOSHIBA-TODX280A Datasheet
178Kb / 9P
FIBER OPTIC TRANSCEIVING MODULE FOR DUPLEX DIGITAL SIGNAL COMMUNICATION
logo
Sony Corporation
CXA3668N SONY-CXA3668N Datasheet
171Kb / 16P
Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
logo
Texas Instruments
MSP430X13X TI-MSP430X13X Datasheet
987Kb / 59P
MIXED SIGNAL MICROCONTROLLER
logo
Sony Corporation
CXD4017R SONY-CXD4017R Datasheet
1Mb / 34P
Reception Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
logo
List of Unclassifed Man...
MSO70000 ETC2-MSO70000 Datasheet
8Mb / 42P
Digital and Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
MSODPO70000 TEKTRONIX-MSODPO70000 Datasheet
7Mb / 46P
Digital and Mixed Signal Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com