Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet (PDF) - Maxim Integrated Products

AN753 Datasheet PDF - Maxim Integrated Products
Part # AN753
Download  AN753 Download
File Size   283.21 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Precision Sensor Signal Conditioner

AN753 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN753 Datasheet PDF - Maxim Integrated Products

Part # AN753
Download  AN753 Click to download

File Size   283.21 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Precision Sensor Signal Conditioner

AN753 Datasheet (HTML) - Maxim Integrated Products


AN753 Product details

General Description
The MAX1452 is a highly integrated analog-sensor signal processor optimized for industrial and process control applications utilizing resistive element sensors. The MAX1452 provides amplification, calibration, and temperature compensation that enables an overall performance approaching the inherent repeatability of the sensor. The fully analog signal path introduces no quantization noise in the output signal while enabling digitally controlled trimming with the integrated 16-bit DACs. Offset and span are calibrated using 16-bit DACs, allowing sensor products to be truly interchangeable.
The MAX1452 architecture includes a programmable sensor excitation, a 16-step programmable-gain amplifier (PGA), a 768-byte (6144 bits) internal EEPROM, four 16-bit DACs, an uncommitted op amp, and an on-chip temperature sensor. In addition to offset and span compensation, the MAX1452 provides a unique temperature compensation strategy for offset TC and FSOTC that was developed to provide a remarkable degree of flexibility while minimizing testing costs.
The MAX1452 is packaged for the commercial, industrial, and automotive temperature ranges in 16-pin SSOP/TSSOP and 24-pin TQFN packages

Benefts and Features
● Single-Chip, Integrated Analog Signal Path Reduces
   Design Time and Saves Space in a Complete
   Precision Sensor Solution
   • Provides Amplifcation, Calibration, and Temperature Compensation
   • Fully Analog Signal Path
   • Accommodates Sensor Output Sensitivities from 4mV/V to 60mV/V
   • Single-Pin Digital Programming
   • No External Trim Components Required
   • 16-Bit Offset and Span Calibration Resolution
   • Supports Both Current and Voltage Bridge Excitation
   • Fast 150μs Step Response
   • On-Chip Uncommitted Op Amp
● On-Chip Lookup Table Supports Multipoint
   Calibration Temperature Correction Improving
   System Performance
● Secure-Lock™ Prevents Data Corruption
● Low 2mA Current Consumption Simplifies Power
   Supply Design in 4–20mA Applications

Applications
   ● Pressure Sensors
   ● Transducers and Transmitters
   ● Strain Gauges
   ● Pressure Calibrators and Controllers
   ● Resistive Elements Sensors
   ● Accelerometers
   ● Humidity Sensors




Similar Part No. - AN753

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN753 MICROCHIP-AN753 Datasheet
197Kb / 4P
Digital Coding Schemes for Mixed Signal Communication
2001
logo
Panasonic Semiconductor
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
Headphone amplifier IC for portable equipment
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
Headphone amplifier IC for portable equipment
More results


Similar Description - AN753

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
RBicLite??Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com