Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 2 Page - Maxim Integrated Products

  AN753 Datasheet HTML 1Page - Maxim Integrated Products AN753 Datasheet HTML 2Page - Maxim Integrated Products AN753 Datasheet HTML 3Page - Maxim Integrated Products AN753 Datasheet HTML 4Page - Maxim Integrated Products AN753 Datasheet HTML 5Page - Maxim Integrated Products AN753 Datasheet HTML 6Page - Maxim Integrated Products AN753 Datasheet HTML 7Page - Maxim Integrated Products AN753 Datasheet HTML 8Page - Maxim Integrated Products AN753 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD to VSS.........................................-0.3V, +6V
All Other Pins ...................................(VSS - 0.3V) to (VDD + 0.3V)
Short-Circuit Duration, FSOTC, OUT, BDR,
AMPOUT .................................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 8.00mW/°C above +70°C) ..........640mW
Operating Temperature:
MAX1452CAE/MAX1452C/D ...............................0°C to +70°C
MAX1452EAE ...................................................-40°C to +85°C
MAX1452AAE .................................................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature.........................................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL CHARACTERISTICS
Supply Voltage
VDD
4.5
5.0
5.5
V
Supply Current
IDD
(Note 1)
2.0
2.5
mA
Oscillator Frequency
fOSC
0.85
1
1.15
MHz
ANALOG INPUT
Input Impedance
RIN
1M
Ω
Input Referred Offset Tempco
(Notes 2, 3)
±1
µV/°C
Input Referred Adjustable
Offset Range
Offset TC = 0 at minimum gain (Note 4)
±150
mV
Amplifier Gain Nonlinearity
Percent of +4V span, VOUT = +0.5V to 4.5V
0.01
%
Common-Mode Rejection Ratio
CMRR
Specified for common-mode voltages
between VSS and VDD (Note 2)
90
dB
Input Referred Adjustable FSO
Range
(Note 5)
1-40
mV/V
ANALOG OUTPUT
Differential Signal-Gain Range
Selectable in 16 steps
39-
240
V/V
Configuration [5:2] 0000bin
34
39
46
Configuration [5:2] 0001bin
47
52
59
Configuration [5:2] 0010bin
58
65
74
Configuration [5:2] 0100bin
82
91
102
Differential Signal Gain
Configuration [5:2] 1000bin
133
143
157
V/V
Maximum Output Voltage Swing
No load from each supply
0.02
V
Output Voltage Low
IOUT = 1mA sinking, TA = TMIN to TMAX
0.100
0.20
V
Output Voltage High
IOUT = 1mA sourcing, TA = TMIN to TMAX
4.75
4.87
V
Output Impedance at DC
0.1
Ω
Output Offset Ratio
∆VOUT/
∆Offset
0.90
1.05
1.20
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com