Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 7Page - Maxim Integrated Products AN753 Datasheet HTML 8Page - Maxim Integrated Products AN753 Datasheet HTML 9Page - Maxim Integrated Products AN753 Datasheet HTML 10Page - Maxim Integrated Products AN753 Datasheet HTML 11Page - Maxim Integrated Products AN753 Datasheet HTML 12Page - Maxim Integrated Products AN753 Datasheet HTML 13Page - Maxim Integrated Products AN753 Datasheet HTML 14Page - Maxim Integrated Products AN753 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
the serial digital interface during calibration or loaded
automatically from EEPROM at power-on. In this way
the device can be tested and configured during cali-
bration and test and the appropriate compensation val-
ues stored in internal EEPROM. The device will
auto-load the registers from EEPROM and be ready for
use without further configuration after each power-up.
The EEPROM is configured as an 8-bit wide array so
each of the 16-bit registers is stored as two 8-bit quan-
tities. The configuration register, FSOTCDAC and OTC-
Low-Cost Precision Sensor
Signal Conditioner
______________________________________________________________________________________
11
Table 1. EEPROM Memory Address Map
PAGE
LOW-BYTE
ADDRESS (hex)
HIGH-BYTE
ADDRESS (hex)
TEMP-INDEX[7:0]
(hex)
CONTENTS
000
001
00
0
03E
03F
1F
040
041
20
1
07E
07F
3F
080
081
40
2
0BE
0BF
5F
0C0
0C1
60
3
0FE
0FF
7F
100
101
80
4
13E
13F
9F
140
141
A0
15E
15F
AF to FF
ODAC
Lookup Table
160
161
Configuration
162
163
Reserved
164
165
OTCDAC
166
167
Reserved
168
169
FSOTCDAC
16A
16B
Control Location
16C
16D
5
17E
17F
180
181
19E
19F
52 General-Purpose
User Bytes
1A0
1A1
80
6
1BE
1BF
8F
1C0
1C1
90
7
1FE
1FF
AF to FF
200
201
00
8
23E
23F
1F
240
241
20
9
27E
27F
3F
280
281
40
A
2BE
2BF
5F
2C0
2C1
60
B
2FE
2FF
7F
FSODAC
Lookup Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com