Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 10Page - Maxim Integrated Products AN753 Datasheet HTML 11Page - Maxim Integrated Products AN753 Datasheet HTML 12Page - Maxim Integrated Products AN753 Datasheet HTML 13Page - Maxim Integrated Products AN753 Datasheet HTML 14Page - Maxim Integrated Products AN753 Datasheet HTML 15Page - Maxim Integrated Products AN753 Datasheet HTML 16Page - Maxim Integrated Products AN753 Datasheet HTML 17Page - Maxim Integrated Products AN753 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
allel. The MAX1452 allows for a high degree of flexibili-
ty in system calibration design. This is achieved by use
of single-wire digital communication and three-state
output nodes. Depending upon specific calibration
requirements one may connect all the OUTs in parallel
or connect DIO and OUT on each individual module.
Sensor Compensation Overview
Compensation requires an examination of the sensor
performance over the operating pressure and tempera-
ture range. Use a minimum of two test pressures (e.g.,
zero and full-span) and two temperatures. More test
pressures and temperatures will result in greater accu-
racy. A typical compensation procedure can be sum-
marized as follows:
Set reference temperature (e.g., 25°C):
•
Initialize each transducer by loading their respec-
tive registers with default coefficients (e.g., based
on mean values of offset, FSO and bridge resis-
tance) to prevent overload of the MAX1452.
•
Set the initial bridge voltage (with the FSODAC) to
half of the supply voltage. Measure the bridge volt-
age using the BDR or OUT pins, or calculate based
on measurements.
•
Calibrate the output offset and FSO of the transduc-
er using the ODAC and FSODAC, respectively.
•
Store calibration data in the test computer or
MAX1452 EEPROM user memory.
Set next test temperature:
•
Calibrate offset and FSO using the ODAC and FSO-
DAC, respectively.
•
Store calibration data in the test computer or
MAX1452 EEPROM user memory.
•
Calculate the correction coefficients.
•
Download correction coefficients to EEPROM.
•
Perform a final test.
Sensor Calibration and
Compensation Example
The MAX1452 temperature compensation design cor-
rects both sensor and IC temperature errors. This
enables the MAX1452 to provide temperature compen-
sation approaching the inherent repeatability of the
sensor. An example of the MAX1452’s capabilities is
shown in Figure 8.
A repeatable piezoresistive sensor with an initial offset
of 16.4mV and a span of 55.8mV was converted into a
compensated transducer (utilizing the piezoresistive
sensor with the MAX1452) with an offset of 0.5000V and
a span of 4.0000V. Nonlinear sensor offset and FSO
temperature errors, which were on the order of 20% to
30% FSO, were reduced to under ±0.1% FSO. The fol-
lowing graphs show the output of the uncompensated
sensor and the output of the compensated transducer.
Six temperature points were used to obtain this result.
MAX1452 Evaluation Kit
To
expedite
the
development
of
MAX1452
based transducers and test systems, Maxim has pro-
duced the MAX1452 evaluation kit (EV kit). First-time
users of the MAX1452 are strongly encouraged to use
this kit.
Low-Cost Precision Sensor
Signal Conditioner
14
______________________________________________________________________________________
DRIVEN BY TESTER
THREE-STATE
NEED WEAK
PULLUP
THREE-STATE
NEED WEAK
PULLUP
11 1 1 1 0 1 0 0 1 1 0 1 0 1 1 111 11 1
1 1 1 1 1 1 1 1
11
11 1 1
11 1
11
1
11
THREE-STATE
2ATIM +1 BYTE
TIMES
DIO
OUT
VALID OUT
HIGH IMPEDANCE
Figure 6. Analog Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com