Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 4 Page - Maxim Integrated Products

  AN753 Datasheet HTML 1Page - Maxim Integrated Products AN753 Datasheet HTML 2Page - Maxim Integrated Products AN753 Datasheet HTML 3Page - Maxim Integrated Products AN753 Datasheet HTML 4Page - Maxim Integrated Products AN753 Datasheet HTML 5Page - Maxim Integrated Products AN753 Datasheet HTML 6Page - Maxim Integrated Products AN753 Datasheet HTML 7Page - Maxim Integrated Products AN753 Datasheet HTML 8Page - Maxim Integrated Products AN753 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
4
_______________________________________________________________________________________
Note 1: Excludes sensor or load current.
Note 2: All electronics temperature errors are compensated together with sensors errors.
Note 3: The sensor and the MAX1452 must be at the same temperature during calibration and use.
Note 4: This is the maximum allowable sensor offset.
Note 5: This is the sensor's sensitivity normalized to its drive voltage, assuming a desired full span output of +4V and a bridge volt-
age of +2.5V.
Note 6: Bit weight is ratiometric to VDD.
Note 7: Programming of the EEPROM at room temperature is recommended.
Note 8: Allow a minimum of 6ms elapsed time before sending any command.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = 0, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE-TO-DIGITAL CONVERTER
Temperature ADC Resolution
8
bits
Offset
±3
LSB
Gain
1.45
°C/bit
Nonlinearity
±0.5
LSB
Lowest Digital Output
00
hex
Highest Digital Output
AF
hex
UNCOMMITTED OP AMP
Open Loop Gain
RL = 100k
Ω
90
dB
Input Common-Mode Range
VSS
VDD
V
Output Swing
No load, TA = TMIN to TMAX
VSS +
0.02
VDD -
0.02
V
Output Voltage High
1mA source, TA = TMIN to TMAX
4.85
4.90
V
Output Voltage Low
1mA sink, TA = TMIN to TMAX
0.05
0.15
V
Offset
VIN+ = +2.5V, unity gain buffer
-20
+20
mV
Unity Gain Bandwidth
2
MHz
EEPROM
Maximum Erase/Write Cycles
(Note 7)
10k
Cycles
Minimum Erase Time
(Note 8)
6
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com