Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 9Page - Maxim Integrated Products AN753 Datasheet HTML 10Page - Maxim Integrated Products AN753 Datasheet HTML 11Page - Maxim Integrated Products AN753 Datasheet HTML 12Page - Maxim Integrated Products AN753 Datasheet HTML 13Page - Maxim Integrated Products AN753 Datasheet HTML 14Page - Maxim Integrated Products AN753 Datasheet HTML 15Page - Maxim Integrated Products AN753 Datasheet HTML 16Page - Maxim Integrated Products AN753 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1) Write the 16 data bits to DHR[15:0] using four byte
accesses into the interface register set.
2) Write the address of the target internal calibration
register to ICRA[3:0].
3) Write the load internal calibration register (LdICR)
command to CRIL[3:0].
When a LdICR command is issued to the CRIL register,
the calibration register loaded depends on the address
in the internal calibration register address (ICRA). Table
11 specifies which calibration register is decoded.
Erasing and Writing the EEPROM
The internal EEPROM needs to be erased (bytes set to
FFhex) prior to programming the desired contents.
Remember to save the 3 MSBs of byte 161hex (high-
byte of the configuration register) and restore it when
programming its contents to prevent modification of the
trimmed oscillator frequency.
The internal EEPROM can be entirely erased with the
ERASE command, or partially erased with the
PageErase command (see Table 10, CRIL command).
It is necessary to wait 6ms after issuing the ERASE or
PageErase command.
After the EEPROM bytes have been erased (value of
every byte = FFhex), the user can program its contents,
following the procedure below:
1) Write the 8 data bits to DHR[7:0] using two byte
accesses into the interface register set.
2) Write the address of the target internal EEPROM
location to IEEA[9:0] using three byte accesses into
the interface register set.
3) Write the EEPROM write command (EEPW) to
CRIL[3:0].
Serial Digital Output
When a RdIRS command is written to CRIL[3:0], DIO is
configured as a digital output and the contents of the
register designated by IRSP[3:0] are sent out as a byte
framed by a start bit and a stop bit.
Once the tester finishes sending the RdIRS command,
it must three-state its connection to DIO to allow the
MAX1452 to drive the DIO line. The MAX1452 will three-
state DIO high for 1 byte time and then drive with the
start bit in the next bit period followed by the data byte
and stop bit. The sequence is shown in Figure 5.
The data returned on a RdIRS command depends on
the address in IRSP. Table 12 defines what is returned
for the various addresses.
Multiplexed Analog Output
When a RdAlg command is written to CRIL[3:0] the
analog signal designated by ALOC[3:0] is asserted on
the OUT pin. The duration of the analog signal is deter-
mined by ATIM[3:0] after which the pin reverts to three-
state. While the analog signal is asserted in the OUT
pin, DIO is simultaneously three-stated, enabling a par-
allel wiring of DIO and OUT. When DIO and OUT are
connected in parallel, the host computer or calibration
system must three-state its connection to DIO after
asserting the stop bit. Do not load the OUT line when
reading internal signals, such as BDR, FSOTC...etc.
The analog output sequence with DIO and OUT is
shown in Figure 6.
The duration of the analog signal is controlled by
ATIM[3:0] as given in Table 13.
The analog signal driven onto the OUT pin is deter-
mined by the value in the ALOC register. The signals
are specified in Table 14.
Test System Configuration
The MAX1452 is designed to support an automated
production test system with integrated calibration and
temperature compensation. Figure 7 shows the imple-
mentation concept for a low-cost test system capable
of testing many transducer modules connected in par-
Low-Cost Precision Sensor
Signal Conditioner
______________________________________________________________________________________
13
DRIVEN BY TESTER
DRIVEN BY MAX1452
THREE-STATE
NEED WEAK
PULLUP
THREE-STATE
NEED WEAK
PULLUP
11 1 1 1 0 1 0 0 1 1 0 1 0 1 1 111 11 1 1 10 0 0 0 0 1 0 0 0 1 11 1 1 1 1 1 1 11
DIO
Figure 5. DIO Output Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com