Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 6Page - Maxim Integrated Products AN753 Datasheet HTML 7Page - Maxim Integrated Products AN753 Datasheet HTML 8Page - Maxim Integrated Products AN753 Datasheet HTML 9Page - Maxim Integrated Products AN753 Datasheet HTML 10Page - Maxim Integrated Products AN753 Datasheet HTML 11Page - Maxim Integrated Products AN753 Datasheet HTML 12Page - Maxim Integrated Products AN753 Datasheet HTML 13Page - Maxim Integrated Products AN753 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
•
Registers CONFIG, OTCDAC, and FSOTCDAC are
refreshed from EEPROM.
•
Registers ODAC and FSODAC are refreshed from
the temperature indexed EEPROM locations.
Calibration Operation, Registers Updated by Serial
Communications
•
The MAX1452 has not had the Secure-Lock byte
set (CL[7:0] = 00hex) or UNLOCK is high.
•
Power is applied to the device.
•
The power-on reset functions have completed.
•
The registers can then be loaded from the serial
digital interface by use of serial commands. See the
section on Serial I/O and Commands.
Internal EEPROM
The internal EEPROM is organized as a 768 by 8-bit
memory. It is divided into 12 pages, with 64 bytes per
page. Each page can be individually erased. The mem-
ory structure is arranged as shown in Table 1. The look-
up tables for ODAC and FSODAC are also shown, with
the respective temp-index pointer. Note that the ODAC
table occupies a continuous segment, from address
000hex to address 15Fhex, whereas the FSODAC table
is divided in two parts, from 200hex to 2FFhex, and
from 1A0hex to 1FFhex. With the exception of the gen-
eral purpose user bytes, all values are 16-bit wide
words formed by two adjacent byte locations (high byte
and low byte).
The MAX1452 compensates for sensor offset, FSO, and
temperature errors by loading the internal calibration
registers with the compensation values. These com-
pensation values can be loaded to registers directly via
Low-Cost Precision Sensor
Signal Conditioner
10
______________________________________________________________________________________
MAX1452
VIN+
+12V TO +40V
2N2222A
47
Ω
100k
Ω
4.99k
Ω
4.99M
Ω
1k
Ω
100
Ω
499k
Ω
100k
Ω
VIN-
RSTC
RISRC
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
INM
TEST VSS
INP
7
9
16
1
2
13
14
15
8
3
BDR
VDDF
VDD
5
6
4
FSOTC
ISRC
SENSOR
MAX6105
5VOUT
GND
1
D
S
G
3
Z1
IN
2N4392
2
OUT
AMPOUT
AMP-
AMP+
Figure 4. Basic 4–20mA Output, Loop-Powered Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com