Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 1 Page - Maxim Integrated Products

  AN753 Datasheet HTML 1Page - Maxim Integrated Products AN753 Datasheet HTML 2Page - Maxim Integrated Products AN753 Datasheet HTML 3Page - Maxim Integrated Products AN753 Datasheet HTML 4Page - Maxim Integrated Products AN753 Datasheet HTML 5Page - Maxim Integrated Products AN753 Datasheet HTML 6Page - Maxim Integrated Products AN753 Datasheet HTML 7Page - Maxim Integrated Products AN753 Datasheet HTML 8Page - Maxim Integrated Products AN753 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
________________________________________________________________ Maxim Integrated Products
1
19-1829; Rev 1; 6/01
EVALUATION
KIT
AVAILABLE
General Description
The MAX1452 is a highly integrated analog-sensor sig-
nal processor optimized for industrial and process con-
trol applications utilizing resistive element sensors.
The MAX1452 provides amplification, calibration, and
temperature compensation that enables an overall per-
formance approaching the inherent repeatability of the
sensor. The fully analog signal path introduces no
quantization noise in the output signal while enabling
digitally controlled trimming with the integrated 16-bit
DACs. Offset and span are calibrated using 16-bit
DACs, allowing sensor products to be truly inter-
changeable.
The MAX1452 architecture includes a programmable
sensor excitation, a 16-step programmable-gain ampli-
fier (PGA), a 768-byte (6144 bits) internal EEPROM,
four 16-bit DACs, an uncommitted op amp, and an on-
chip temperature sensor. In addition to offset and span
compensation. The MAX1452 provides a unique tem-
perature compensation strategy for offset TC and
FSOTC that was developed to provide a remarkable
degree of flexibility while minimizing testing costs.
The MAX1452 is packaged for the commercial, industri-
al, and automotive temperature ranges in 16-pin SSOP
packages.
Customization
Maxim can customize the MAX1452 for high-volume
dedicated applications. Using our dedicated cell library
of more than 2000 sensor-specific functional blocks,
Maxim can quickly provide a modified MAX1452 solu-
tion. Contact Maxim for further information.
Applications
Pressure Sensors
Transducers and Transmitters
Strain Gauges
Pressure Calibrators and Controllers
Resistive Elements Sensors
Accelerometers
Humidity Sensors
Outputs Supported
4–20mA
0 to +5V (Rail-to-Rail®)
+0.5V to +4.5V Ratiometric
+2.5V to ±2.5V
Features
o Provides Amplification, Calibration, and
Temperature Compensation
o Accommodates Sensor Output Sensitivities
from 1mV/V to 40mV/V
o Single Pin Digital Programming
o No External Trim Components Required
o 16-Bit Offset and Span Calibration Resolution
o Fully Analog Signal Path
o On-Chip Lookup Table Supports Multipoint
Calibration Temperature Correction
o Supports Both Current and Voltage Bridge
Excitation
o Fast 3.2kHz Frequency Response
o On-Chip Uncommitted Op Amp
o Secure-Lock™ Prevents Data Corruption
o Low 2mA Current Consumption
Rail-to-Rail is a trademark of Nippon Motorola Ltd.
Secure-Lock is a trademark of Maxim Integrated Products.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
ISRC
FSOTC
AMP+
AMP-
AMPOUT
CLK1M
DIO
UNLOCK
VDDF
TOP VIEW
MAX1452
(NOT TO SCALE)
SSOP
OUT
VSS
INP
INM
BDR
VDD
TEST
Pin Configuration
Ordering Information
16 SSOP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
MAX1452CAE
PART
16 SSOP
-40°C to +85°C
MAX1452EAE
16 SSOP
-40°C to +125°C
MAX1452AAE
Dice*
0°C to +70°C
MAX1452C/D
*Dice are tested at TA = +25°C, DC parameters only.
A detailed block diagram appears at the end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - AN753

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN753 MICROCHIP-AN753 Datasheet
197Kb / 4P
Digital Coding Schemes for Mixed Signal Communication
2001
logo
Panasonic Semiconductor
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
Headphone amplifier IC for portable equipment
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
Headphone amplifier IC for portable equipment
More results

Similar Description - AN753

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
RBicLite??Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com