Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 16Page - Maxim Integrated Products AN753 Datasheet HTML 17Page - Maxim Integrated Products AN753 Datasheet HTML 18Page - Maxim Integrated Products AN753 Datasheet HTML 19Page - Maxim Integrated Products AN753 Datasheet HTML 20Page - Maxim Integrated Products AN753 Datasheet HTML 21Page - Maxim Integrated Products AN753 Datasheet HTML 22Page - Maxim Integrated Products AN753 Datasheet HTML 23Page - Maxim Integrated Products AN753 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
20
______________________________________________________________________________________
Table 10. CRIL Command Codes
CRIL[3:0]
NAME
DESCRIPTION
0000
LdICR
Load internal calibration register at address given in ICRA with data from DHR[15:0].
0001
EEPW
EEPROM write of 8 data bits from DHR[7:0] to address location pointed by IEEA [9:0].
0010
ERASE
Erase all of EEPROM (all bytes equal FFhex).
0011
RdICR
Read internal calibration register as pointed to by ICRA and load data into DHR[15:0].
0100
RdEEP
Read internal EEPROM location and load data into DHR[7:0] pointed by IEEA [9:0].
0101
RdIRS
Read interface register set pointer IRSP[3:0]. See Table 12.
0110
RdAlg
Output the multiplexed analog signal onto OUT. The analog location is specified in ALOC[3:0]
(Table 14) and the duration (in byte times) that the signal is asserted onto the pin is specified in
ATIM[3:0] (Table 13).
0111
PageErase
Erases the page of the EEPROM as pointed by IEEA[9:6]. There are 64 bytes per page and thus 12
pages in the EEPROM.
1000 to
1111
Reserved
Reserved.
Table 11. IRCA Decode
ICRA[3:0]
NAME
DESCRIPTION
0000
CONFIG
Configuration Register
0001
ODAC
Offset DAC Register
0010
OTCDAC
Offset Temperature Coefficient DAC Register
0011
FSODAC
Full Scale Output DAC Register
0100
FSOTCDAC
Full Scale Output Temperature Coefficient DAC Register
0101
Reserved. Do not write to this location (EEPROM test).
0110 to
1111
Reserved. Do not write to this location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com