Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 5 Page - Maxim Integrated Products

  AN753 Datasheet HTML 1Page - Maxim Integrated Products AN753 Datasheet HTML 2Page - Maxim Integrated Products AN753 Datasheet HTML 3Page - Maxim Integrated Products AN753 Datasheet HTML 4Page - Maxim Integrated Products AN753 Datasheet HTML 5Page - Maxim Integrated Products AN753 Datasheet HTML 6Page - Maxim Integrated Products AN753 Datasheet HTML 7Page - Maxim Integrated Products AN753 Datasheet HTML 8Page - Maxim Integrated Products AN753 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
_______________________________________________________________________________________
5
Typical Operating Characteristics
(VDD = +5V, TA = +25°C, unless otherwise noted.)
PIN
NAME
FUNCTION
1
ISRC
Bridge Drive Current Mode Setting
2
OUT
High ESD and Scan Path Output Signal. May need a 0.1
µF capacitor, in noisy environments.
OUT may be parallel connected to DIO.
3VSS
Negative Supply Voltage
4
INM
Bridge Negative Input. Can be swapped to INP by configuration register.
5
BDR
Bridge Drive
6
INP
Bridge Positive Input. Can be swapped to INM by configuration register.
7VDD
Positive Supply Voltage. Connect a 0.1
µF capacitor from VDD to VSS.
8
TEST
Internally Connected. Connect to VSS.
Pin Description
OFFSET DAC DNL
DAC CODE
0
30k
40k
10k
20k
50k
60k
70k
5.0
2.5
0
-2.5
-5.0
5.0
2.5
0
-2.5
-5.0
AMPLIFIER GAIN NONLINEARITY
INPUT VOLTAGE [INP-INM] (mV)
-50
0
-25
25
50
ODAC = 6800hex
OTCDAC = 0
FSODAC = 4000hex
FSOTCDAC = 8000hex
IRO = 2hex
PGA = 0
OUTPUT NOISE
400
µs/div
C = 4.7
µF, RLOAD = 1kΩ
OUT
10mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com