Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 5Page - Maxim Integrated Products AN753 Datasheet HTML 6Page - Maxim Integrated Products AN753 Datasheet HTML 7Page - Maxim Integrated Products AN753 Datasheet HTML 8Page - Maxim Integrated Products AN753 Datasheet HTML 9Page - Maxim Integrated Products AN753 Datasheet HTML 10Page - Maxim Integrated Products AN753 Datasheet HTML 11Page - Maxim Integrated Products AN753 Datasheet HTML 12Page - Maxim Integrated Products AN753 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Typical Nonratiometric
Operating Circuit
(12VDC < VPWR < 40VDC)
Nonratiometric output configuration enables the sensor
power to vary over a wide range. A high performance
voltage reference, such as the MAX6105, is incorporat-
ed in the circuit to provide a stable supply and refer-
ence for MAX1452 operation. A typical example is
shown in Figure 3. Nonratiometric operation is valuable
when wide ranges of input voltage are to be expected
and the system A/D or readout device does not enable
ratiometric operation.
Typical 2-Wire, Loop Powered,
4–20mA Operating Circuit
Process Control systems benefit from a 4–20mA current
loop output format for noise immunity, long cable runs,
and 2-wire sensor operation. The loop voltages can
range from 12VDC to 40VDC and are inherently nonra-
tiometric. The low current consumption of the MAX1452
allows it to operate from loop power with a simple
4–20mA drive circuit efficiently generated using the
integrated uncommitted op amp (Figure 4).
Internal Calibration Registers (ICRs)
The MAX1452 has five 16-bit internal calibration regis-
ters that are loaded from EEPROM, or loaded from the
serial digital interface.
Data can be loaded into the internal calibration regis-
ters under three different circumstances.
Normal Operation, Power-On Initialization Sequence
•
The MAX1452 has been calibrated, the Secure-
Lock byte is set (CL[7:0] = FFhex) and UNLOCK is
low.
•
Power is applied to the device.
•
The power-on reset functions have completed.
•
Registers CONFIG, OTCDAC, and FSOTCDAC are
refreshed from EEPROM.
•
Registers ODAC, and FSODAC are refreshed from
the temperature indexed EEPROM locations.
Normal Operation, Continuous Refresh
•
The MAX1452 has been calibrated, the Secure-
Lock byte has been set (CL[7:0] = FFhex) and
UNLOCK is low.
•
Power is applied to the device.
•
The power-on reset functions have completed.
•
The temperature index timer reaches a 1ms time
period.
Low-Cost Precision Sensor
Signal Conditioner
_______________________________________________________________________________________
9
MAX1452
VPWR
+12V TO +40V
OUT
GND
RSTC
RISRC
0.1
µF 0.1µF
0.1
µF
0.1
µF
INM
TEST VSS
INP
7
9
2
16
1
8
3
BDR
VDDF
OUT
5
6
4
FSOTC
ISRC
SENSOR
MAX6105
5V
GND
1
3
IN
2
1k
Ω
VDD
G
S
D
2N4392
Figure 3. Basic Nonratiometric Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com