Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 3 Page - Maxim Integrated Products

  AN753 Datasheet HTML 1Page - Maxim Integrated Products AN753 Datasheet HTML 2Page - Maxim Integrated Products AN753 Datasheet HTML 3Page - Maxim Integrated Products AN753 Datasheet HTML 4Page - Maxim Integrated Products AN753 Datasheet HTML 5Page - Maxim Integrated Products AN753 Datasheet HTML 6Page - Maxim Integrated Products AN753 Datasheet HTML 7Page - Maxim Integrated Products AN753 Datasheet HTML 8Page - Maxim Integrated Products AN753 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = 0, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Offset TC Ratio
∆VOUT/
∆Offset TC
0.9
1
1.2
V/V
Step Response and IC
(63% Final Value)
150
µs
Maximum Capacitive Load
1µF
Output Noise
DC to 1kHz (gain = minimum, source
impedance = 5k
Ω VDDF filter)
0.5
mVRMS
BRIDGE DRIVE
Bridge Current
IBDR
RL = 1.7k
Ω
0.1
0.5
2
mA
Current Mirror Ratio
AA
RISOURCE = internal
10
12
14
A/A
VSPAN Range (Span Code)
TA = TMIN to TMAX
4000
C000
hex
DIGITAL–TO–ANALOG CONVERTERS
DAC Resolution
16
bits
ODAC Bit Weight
∆VOUT/
∆Code
DAC reference = VDD = +5.0V
76
µV/bit
OTCDAC Bit Weight
∆VOUT/
∆Code
DAC reference = VBDR = +2.5V
38
µV/bit
FSODAC Bit Weight
∆VOUT/
∆Code
DAC reference = VDD = +5.0V
76
µV/bit
FSOTCDAC Bit Weight
∆VOUT/
∆Code
DAC reference = VBDR = +2.5V
38
µV/bit
COARSE OFFSET DAC
IRODAC Resolution
Including sign
4
bits
IRODAC Bit Weight
∆VOUT/
∆Code
Input referred, DAC reference =
VDD = +5.0V (Note 6)
9
mV/bit
FSOTC BUFFER
Minimum Output Voltage Swing
No load
VSS +
0.1
V
Maximum Output Voltage Swing
No load
VDD - 1.0
V
Current Drive
VFSOTC = +2.5V
-40
+40
µA
INTERNAL RESISTORS
Current-Source Reference
Resistor
RISRC
75
k
Ω
Current-Source Reference
Resistor Temperature Coefficient
∆RISRC
1300
ppm/°C
FSOTC Resistor
RFTC
75
k
Ω
FSOTC Resistor Temperature
Coefficient
∆RFTC
1300
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com