Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 16Page - Maxim Integrated Products AN753 Datasheet HTML 17Page - Maxim Integrated Products AN753 Datasheet HTML 18Page - Maxim Integrated Products AN753 Datasheet HTML 19Page - Maxim Integrated Products AN753 Datasheet HTML 20Page - Maxim Integrated Products AN753 Datasheet HTML 21Page - Maxim Integrated Products AN753 Datasheet HTML 22Page - Maxim Integrated Products AN753 Datasheet HTML 23Page - Maxim Integrated Products AN753 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
______________________________________________________________________________________
21
Table 13. ATIM Definition
ATIM[3:0]
DURATION OF ANALOG SIGNAL SPECIFIED IN BYTE TIMES (8-BIT TIME)
0000
2
0 + 1 = 2 byte times i.e. (2
✕ 8) / baud rate
0001
2
1 + 1 = 3 byte times
0010
2
2 + 1 = 5 byte times
0011
2
3 + 1 = 9 byte times
0100
2
4 + 1 = 17 byte times
0101
2
5 + 1 = 33 byte times
0110
2
6 + 1 = 65 byte times
0111
2
7 + 1 = 129 byte times
1000
2
8 + 1 = 257 byte times
1001
2
9 + 1 = 513 byte times
1010
2
10 + 1 = 1025 byte times
1011
2
11 + 1 = 2049 byte times
1100
2
12 + 1 = 4097 byte times
1101
2
13 + 1 = 8193 byte times
1110
2
14 + 1 = 16,385 byte times
1111
In this mode OUT is continuous, however DIO will accept commands after 32,769 byte times. Do not
parallel connect DIO to OUT.
Table 12. IRSP Decode
IRSP[3:0]
RETURNED VALUE
0000
DHR[7:0]
0001
DHR[15:8]
0010
IEEA[7:4], ICRA[3:0] concatenated
0011
CRIL[3:0], IRSP[3:0] concatenated
0100
ALOC[3:0], ATIM[3:0] concatenated
0101
IEEA[7:0] EEPROM address byte
0110
IEED[7:0] EEPROM data byte
0111
TEMP-Index[7:0]
1000
BitClock[7:0]
1001
Reserved. Internal flash test data.
1010-1111
11001010 (CAhex). This can be used to test communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com