Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 3Page - Maxim Integrated Products AN753 Datasheet HTML 4Page - Maxim Integrated Products AN753 Datasheet HTML 5Page - Maxim Integrated Products AN753 Datasheet HTML 6Page - Maxim Integrated Products AN753 Datasheet HTML 7Page - Maxim Integrated Products AN753 Datasheet HTML 8Page - Maxim Integrated Products AN753 Datasheet HTML 9Page - Maxim Integrated Products AN753 Datasheet HTML 10Page - Maxim Integrated Products AN753 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
utilizes a switched capacitor CMOS technology, with an
input referred offset trimming range of more than
±150mV with an approximate 3µV resolution (16 bits).
The PGA provides gain values from 39V/V to 240V/V in
16 steps.
The MAX1452 uses four 16-bit DACs with calibration
coefficients stored by the user in an internal 768 x 8
EEPROM (6144 bits). This memory contains the follow-
ing information, as 16-bit wide words:
•
Configuration Register
•
Offset Calibration Coefficient Table
•
Offset Temperature Coefficient Register
•
FSO (Full-Span Output) Calibration Table
•
FSO Temperature Error Correction Coefficient
Register
•
52 bytes (416 bits) uncommitted for customer pro-
gramming of manufacturing data (e.g., serial num-
ber and date)
Offset Correction
Initial offset correction is accomplished at the input
stage of the signal gain amplifiers by a coarse offset
setting. Final offset correction occurs through the use of
a temperature indexed lookup table with 176 16-bit
entries. The on-chip temperature sensor provides a
unique 16-bit offset trim value from the table with an
indexing resolution of approximately 1.5°C from -40°C
to +125°C. Every millisecond, the on-chip temperature
sensor provides indexing into the offset lookup table in
EEPROM and the resulting value transferred to the off-
set DAC register. The resulting voltage is fed into a
summing junction at the PGA output, compensating the
sensor offset with a resolution of ±76µV (±0.0019%
FSO). If the offset TC DAC is set to zero then the maxi-
mum temperature error is equivalent to one degree of
temperature drift of the sensor, given the Offset DAC
has corrected the sensor at every 1.5°C. The tempera-
ture indexing boundaries are outside of the specified
Absolute Maximum Ratings. The minimum indexing
value is 00hex corresponding to approximately -69°C.
All temperatures below this value will output the coeffi-
cient value at index 00hex. The maximum indexing
value is AFhex, which is the highest lookup table entry.
All temperatures higher than approximately 184°C will
output the highest lookup table index value. No index-
ing wrap-around errors are produced.
FSO Correction
Two functional blocks control the FSO gain calibration.
First, a coarse gain is set by digitally selecting the gain
of the PGA. Second, FSO DAC sets the sensor bridge
current or voltage with the digital input obtained from a
temperature-indexed reference to the FSO lookup table
in EEPROM. FSO correction occurs through the use of
a temperature indexed lookup table with 176 16-bit
entries. The on-chip temperature sensor provides a
unique FSO trim from the table with an indexing resolu-
tion approaching one 16-bit value at every 1.5°C from
-40°C to +125°C. The temperature indexing boundaries
are outside of the specified Absolute Maximum
Ratings. The minimum indexing value is 00hex corre-
sponding to approximately -69°C. All temperatures
below this value will output the coefficient value at
index 00hex. The maximum indexing value is AFhex,
which is the highest lookup table entry. All tempera-
tures higher than approximately 184°C will output the
highest lookup table index value. No indexing wrap-
around errors are produced.
Linear and Nonlinear Temperature
Compensation
Writing 16-bit calibration coefficients into the offset TC
and FSOTC registers compensates first-order tempera-
Low-Cost Precision Sensor
Signal Conditioner
_______________________________________________________________________________________
7
MAX1452
BIAS
GENERATOR
OSCILLATOR
ANAMUX
FSOTC
176
TEMPERATURE
LOOK UP
POINTS FOR
OFFSET AND
SPAN.
OP-AMP
A = 1
AMPOUT
VSS
OUT
VDD
CLK1M
TEST
INTERNAL
EEPROM
6144 BITS
416 BITS
FOR USER
BDR
PGA
VDDF
VDD
BDR
DIO
UNLOCK
AMP+
AMP-
INP
ISRC
INM
8-BIT ADC
TEMP
SENSOR
IRO
DAC
CURRENT
SOURCE
VDD
∑
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com