Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 14Page - Maxim Integrated Products AN753 Datasheet HTML 15Page - Maxim Integrated Products AN753 Datasheet HTML 16Page - Maxim Integrated Products AN753 Datasheet HTML 17Page - Maxim Integrated Products AN753 Datasheet HTML 18Page - Maxim Integrated Products AN753 Datasheet HTML 19Page - Maxim Integrated Products AN753 Datasheet HTML 20Page - Maxim Integrated Products AN753 Datasheet HTML 21Page - Maxim Integrated Products AN753 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
18
______________________________________________________________________________________
Table 7. EEPROM ODAC and FSODAC Lookup Table Memory Map
TEMP-INDEX[7:0]
EEPROM ADDRESS ODAC
LOW BYTE AND HIGH BYTE
EEPROM ADDRESS FSODAC
LOW BYTE AND HIGH BYTE
00hex
to
7Fhex
000hex and 001hex
to
0FEhex and 0FFhex
200hex and 201hex
to
2FEhex and 2FFhex
80hex
to
AFhex
100hex and 101hex
to
15Ehex and 15Fhex
1A0hex and 1A1hex
to
1FEhex and 1FFhex
Table 5. PGA Gain Setting (PGA[3:0])
PGA[3:0]
PGA GAIN (V/V)
0000
39
0001
52
0010
65
0011
78
0100
91
0101
104
0110
117
0111
130
1000
143
1001
156
1010
169
1011
182
1100
195
1101
208
1110
221
1111
234
Table 6. Temp-Index Typical Values
TEMP-INDEX[7:0]
TEMPERATURE
(°C)
DECIMAL
HEXADECIMAL
-40
20
14
25
65
41
85
106
6A
125
134
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com