Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 15Page - Maxim Integrated Products AN753 Datasheet HTML 16Page - Maxim Integrated Products AN753 Datasheet HTML 17Page - Maxim Integrated Products AN753 Datasheet HTML 18Page - Maxim Integrated Products AN753 Datasheet HTML 19Page - Maxim Integrated Products AN753 Datasheet HTML 20Page - Maxim Integrated Products AN753 Datasheet HTML 21Page - Maxim Integrated Products AN753 Datasheet HTML 22Page - Maxim Integrated Products AN753 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
______________________________________________________________________________________
19
Table 8. Control Location (CL[15:0])
FIELD
NAME
DESCRIPTION
15:8
CL[15:8]
Reserved
7:0
CL[7:0]
Control Location. Secure-Lock is activated by setting this to FFhex which disables DIO serial
communications and connects OUT to PGA output.
Table 9. IRSA Decoding
IRSA[3:0]
DESCRIPTION
0000
Write IRSD[3:0] to DHR[3:0] (data hold register)
0001
Write IRSD[3:0] to DHR[7:4] (data hold register)
0010
Write IRSD[3:0] to DHR[11:8] (data hold register)
0011
Write IRSD[3:0] to DHR[15:12] (data hold register)
0100
Reserved
0101
Reserved
0110
Write IRSD[3:0] to ICRA[3:0] or IEEA[3:0], (internal calibration register address or internal EEPROM address
nibble 0)
0111
Write IRSD[3:0] to IEEA[7:4] (internal EEPROM address, nibble 1)
1000
Write IRSD[3:0] to IRSP[3:0] or IEEA[9:8], (interface register set pointer where IRSP[1:0] is IEEA[9:8])
1001
Write IRSD[3:0] to CRIL[3:0] (command register to internal logic)
1010
Write IRSD[3:0] to ATIM[3:0] (analog timeout value on read)
1011
Write IRSD[3:0] to ALOC[3:0] (analog location)
1100 to 1110
Reserved
1111
Write IRSD[3:0] = 1111bin to relearn the baud rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com