Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 13Page - Maxim Integrated Products AN753 Datasheet HTML 14Page - Maxim Integrated Products AN753 Datasheet HTML 15Page - Maxim Integrated Products AN753 Datasheet HTML 16Page - Maxim Integrated Products AN753 Datasheet HTML 17Page - Maxim Integrated Products AN753 Datasheet HTML 18Page - Maxim Integrated Products AN753 Datasheet HTML 19Page - Maxim Integrated Products AN753 Datasheet HTML 20Page - Maxim Integrated Products AN753 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
______________________________________________________________________________________
17
Table 3. Configuration Register (CONFIG[15:0])
FIELD
NAME
DESCRIPTION
15:13
OSC[2:0]
Oscillator frequency setting. Factory preset, do not change.
12
REXT
Logic ‘1’ selects external RISRC and RSTC.
11
CLK1M EN
Logic ‘1’ enables CLK1M output driver.
10
PGA Sign
Logic ‘1’ inverts INM and INP polarity.
9
IRO Sign
Logic ‘1’ for positive input referred offset (IRO). Logic ‘0’ for negative input referred offset (IRO).
8:6
IRO[2:0]
Input referred coarse offset adjustment.
5:2
PGA[3:0]
Programmable gain amplifier setting.
1
ODAC Sign
Logic ‘1’ for positive offset DAC output. Logic ‘0’ for negative offset DAC output.
0
OTCDAC
Sign
Logic ‘1’ for positive offset TC DAC output. Logic ‘0’ for negative offset TC DAC output.
Table 4. Input Referred Offset (IRO[2:0])
IRO SIGN, IRO[2:0]
INPUT REFERRED OFFSET
CORRECTION AS % OF VDD
INPUT REFERRED OFFSET, CORRECTION
AT VDD = 5VDC IN mV
1,111
+1.25
+63
1,110
+1.08
+54
1,101
+0.90
+45
1,100
+0.72
+36
1,011
+0.54
+27
1,010
+0.36
+18
1,001
+0.18
+9
1,000
0
0
0,000
0
0
0,001
-0.18
-9
0,010
-0.36
-18
0,011
-0.54
-27
0,100
-0.72
-36
0,101
-0.90
-45
0,110
-1.08
-54
0,111
-1.25
-63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com