Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 16Page - Maxim Integrated Products AN753 Datasheet HTML 17Page - Maxim Integrated Products AN753 Datasheet HTML 18Page - Maxim Integrated Products AN753 Datasheet HTML 19Page - Maxim Integrated Products AN753 Datasheet HTML 20Page - Maxim Integrated Products AN753 Datasheet HTML 21Page - Maxim Integrated Products AN753 Datasheet HTML 22Page - Maxim Integrated Products AN753 Datasheet HTML 23Page - Maxim Integrated Products AN753 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
______________________________________________________________________________________
23
VDD
VDD
VSS
VSS
∑
∑
∑
∆
EEPROM
(LOOKUP PLUS CONFIGURATION DATA)
VDD
VSS
VDD
VSS
FSO
DAC
UNLOCK
VDD
16-BIT
16-BIT
8-BIT
LOOKUP
ADDRESS
BANDGAP
TEMP
SENSOR
PGA
MUX
MUX
FSOTC REGISTER
ISRC
RSTC
75k
Ω
RISRC
75k
Ω
BDR
FSOTC
INP
INM
FSOTC
DAC
VSS
EEPROM ADDRESS
15EH + 15FH
000H + 001H
:
OFFSET DAC LOOKUP TABLE
(176 ✕ 16-BITS)
CONFIGURATION REGISTER SHADOW
USAGE
19EH + 19FH
16CH + 16DH
:
USER STORAGE (52 BYTES)
2FEH + 2FFH
1A0H + 1A1H
:
FSO DAC LOOKUP TABLE
(176 ✕ 16-BITS)
160H + 161H
RESERVED
162H + 163H
OFFSET TC REGISTER SHADOW
164H + 165H
RESERVED
166H + 167H
FSOTC REGISTER SHADOW
168H + 169H
CONTROL LOCATION REGISTER
16AH + 16BH
OFFSET
DAC
±1
±1
✕
26
PHASE
REVERSAL
MUX
OUT
AMP-
AMPOUT
AMP+
PGA GAIN
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
9.0
8.5
PGA (3:0)
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1111
1110
TOTAL GAIN
39
52
65
78
91
104
117
130
143
156
169
182
195
208
234
221
IRO (3, 2:0)
OFFSET mV
63
54
45
36
27
18
9
0
0
-9
-18
-27
-36
-45
-63
-54
1,111
1,110
1,101
1,100
1,011
1,010
1,001
1,000
0,000
0,001
0,010
0,011
0,100
0,101
0,111
0,110
VSS
16-BIT
OFFSET
TC DAC
OTC REGISTER
INPUT REFERRED OFFSET
(COARSE OFFSET)
PROGRAMMABLE GAIN STAGE
UNCOMMITTED OP AMP
VALUE
VSS TO VDD
±20mV
VSS, VDD
±0.01V
VSS, VDD
±0.25V
10MHz TYPICAL
PARAMETER
I/P RANGE
I/P OFFSET
O/P RANGE
NO LOAD
1mA LOAD
UNITY GBW
PGA BANDWIDTH
≈ 3kHz ± 10%
16-BIT
*INPUT REFERRED
OFFSET VALUE IS
PROPORTIONAL TO VDD.
VALUES GIVEN ARE FOR
VDD = 5V.
VSS
PGA BANDWIDTH
≈
3kHz
± 10%
VSS
TEST
CLK1M
VDDF
DIO
DIGITAL
INTERFACE
Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com