Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN753 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # AN753
Description  Low-Cost Precision Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN753 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button AN753 Datasheet HTML 16Page - Maxim Integrated Products AN753 Datasheet HTML 17Page - Maxim Integrated Products AN753 Datasheet HTML 18Page - Maxim Integrated Products AN753 Datasheet HTML 19Page - Maxim Integrated Products AN753 Datasheet HTML 20Page - Maxim Integrated Products AN753 Datasheet HTML 21Page - Maxim Integrated Products AN753 Datasheet HTML 22Page - Maxim Integrated Products AN753 Datasheet HTML 23Page - Maxim Integrated Products AN753 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Low-Cost Precision Sensor
Signal Conditioner
22
______________________________________________________________________________________
Table 14. ALOC Definition
ALOC[3:0]
ANALOG SIGNAL
DESCRIPTION
0000
OUT
PGA Output
0001
BDR
Bridge Drive
0010
ISRC
Bridge Drive Current Setting
0011
VDD
Internal Positive Supply
0100
VSS
Internal Ground
0101
BIAS5U
Internal Test Node
0110
AGND
Internal Analog Ground. Approximately half of VDD.
0111
FSODAC
Full Scale Output DAC
1000
FSOTCDAC
Full Scale Output TC DAC
1001
ODAC
Offset DAC
1010
OTCDAC
Offset TC DAC
1011
VREF
Bandgap Reference Voltage (nominally 1.25V)
1100
VPTATP
Internal Test Node
1101
VPTATM
Internal Test Node
1110
INP
Sensor’s Positive Input
1111
INM
Sensor’s Negative Input
Table 15. Effects of Compensation
TYPICAL UNCOMPENSATED INPUT (SENSOR)
TYPICAL COMPENSATED TRANSDUCER OUTPUT
Offset…………………..…….…………………………..
±100%FSO
FSO…………………………….………………………..1 to 40mV/V
Offset TC…………………………………………………...20% FSO
Offset TC Nonlinearity…..………………………………….4% FSO
FSOTC…………………………..………………………..-20% FSO
FSOTC Nonlinearity…..……..…………………………….5% FSO
Temperature Range..….….……………………..-40
°C to +125°C
OUT..…….……………………………..Ratiometric to VDD at 5.0V
Offset at +25
°C……………………………………0.500V ± 200µV
FSO at +25
°C……………………………………...4.000V ± 200µV
Offset accuracy over temp. range….………
±4mV (±0.1% FSO)
FSO accuracy over temp. range……………
±4mV (±0.1% FSO)
Chip Information
TRANSISTOR COUNT: 67,382
SUBSTRATE CONNECTED TO: VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com