Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPIL Datasheet(PDF) 1 Page - Electronic devices inc.

Part # FPIL
Description  40/50 AMPERE SINGLE-PHASE, FULL-WAVE BRIDGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

FPIL Datasheet(HTML) 1 Page - Electronic devices inc.

  FPIL Datasheet HTML 1Page - Electronic devices inc. FPIL Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIBRIDGE
40/50 AMPERE
SINGLE-PHASE, FULL-WAVE BRIDGES
FPIL
MPIL
100
UNITS
Average Forward Current, IF(Av.) T C= 55
20
Max. DC Reverse Current
@ PRV and 25
oC, IR
10
Max. DC Reverse Current @ PRV @ 100
oC, IR
300
Max. Peak Surge Current, IFSM (8.3ms)
1.2
oC/ W
Storage Temperature Range, TSTG
-55 to +175
oC
ELECTRICAL CHARACTERISTICS PER LEG
(at TA=25 C Unl es s Oth erw ise Spe ci fie d)
This product has recognition under the component program of Underwriters Laboratories, inc.
SERIES DESIGNATIONS
C
o
Forward Voltage Drop,
Max. Instantaneous
VF
Duty cycle 2.0%
S.
A
A
Amp
100
35
10
40
50
FPIL
SPACE SAVING
IN-LINE DESIGN
PRV/LEG
50V
100V
200V
400V
600V
800V
1000V
Type No.
Type No.
FPIL05
MPIL05
FPIL10
MPIL10
FPIL20
MPIL20
FPIL40
FPIL60
FPIL80
FPIL100
MPIL40
MPIL60
MPIL80
MPIL100
MPIL
Amp
Amp
400
1.2
NOTE:
O
Maximum lead and terminal temperature for soldering, 3/8 inch from case,5 seconds at 250 C.
EDI reserves the right to change these specifications at time any without notice.
Thermal Resistance (Total Bridge R
)
0j-c
-
INTEGRALLY MOLDED
HEAT SINK
PROVIDES
LOW
THERMAL RESISTANCE
=1.2V @ IF = Pulse Test:
Pulse Width 300


Similar Part No. - FPIL

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPI SHIELD-FPI Datasheet
289Kb / 2P
MAGNETIC SWITCHES
logo
Electronic devices inc.
FPI-W EDI-FPI-W Datasheet
66Kb / 2P
40/50 AMPERES BRIDGE RECTIFIERS WIRE LEADS FOR PC BOARDS
logo
STEGO Elektrotechnik Gm...
FPI018 STEGO-FPI018 Datasheet
562Kb / 2P
FILTER FAN PLUS – DC LINE
29.01.2020
FPI018 STEGO-FPI018 Datasheet
527Kb / 2P
FILTER FAN PLUS – DC LINE
29.01.2020
FPI018 STEGO-FPI018 Datasheet
516Kb / 2P
FILTER FAN PLUS – DC LINE
29.01.2020
More results

Similar Description - FPIL

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
BRUS7 EDI-BRUS7 Datasheet
55Kb / 2P
ULTRA-FAST RECOVERY Approximately 25 AMPERES SINGLE-PHASE, FULL-WAVE BRIDGES
logo
Pan Jit International I...
AM150 PANJIT-AM150_03 Datasheet
53Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
logo
Powersem GmbH
PSBT50 POWERSEM-PSBT50 Datasheet
164Kb / 3P
Single Phase Full Controlled Bridges
PSBT85 POWERSEM-PSBT85 Datasheet
205Kb / 3P
Single Phase Full Controlled Bridges
PSBT125 POWERSEM-PSBT125 Datasheet
210Kb / 3P
Single Phase Full Controlled Bridges
logo
ON Semiconductor
LB11961V ONSEMI-LB11961V Datasheet
76Kb / 7P
Single-Phase Full-Wave
May, 2013
LB11970RV ONSEMI-LB11970RV Datasheet
228Kb / 7P
Single-phase Full-wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
Standard Single-phase Full wave
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
Standard Single-phase Full wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
Multifunction Single-phase Full-wave
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com