Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTD3 Datasheet(PDF) 2 Page - Electronic devices inc.

Part # HTD3
Description  High Temperature High Voltage Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

HTD3 Datasheet(HTML) 2 Page - Electronic devices inc.

  HTD3 Datasheet HTML 1Page - Electronic devices inc. HTD3 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
75
50
25
0
0
25
50
75
100
125
150
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
FIG.2
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
AMBIENT TEMPERATURE
O
( C)
Ee-mail:sales@edidiodes.comWwebsite: http://www.edidiodes.com
*
HTD 3
NON-REPETITIVE SURGE CURRENT
100
75
50
25
0
1
2
3
4
5 6 7
9 10
20
30
40 50 60
8
CYCLES(60 Hz)
0.1SEC
1.0SEC
175
200
D DIA.
A
B
A
C
MIN.
MECHANICAL DIMENSIONS
O
Maximum lead and terminal temperature for soldering, 3/8 inch from case,5 seconds at 250 C.
Longer leads available.
Consult factory .
INCHES
MILLMETERS
Min.
Max.
Min.
Max.
A
.095
.125
2.41
3.17
B
.380
.420
9.65
10.66
C
.300
-
7.60
-
D
.011
.016
0.27
0.40
DIMENSIONS
.016
.500
10.27
0.40
.020
0.51
Figure 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com