Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTD3 Datasheet(PDF) 1 Page - Electronic devices inc.

Part # HTD3
Description  High Temperature High Voltage Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

HTD3 Datasheet(HTML) 1 Page - Electronic devices inc.

  HTD3 Datasheet HTML 1Page - Electronic devices inc. HTD3 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HTD 3
Max. DC Reverse Current @ PRV @ 200 C,I
Storage Temperature Range,T
18
typical
50 mA
Ambient Operating Temperature Range
O
O
ELECTRICAL CHARACTERISTICS (at TA
O
EDI TYPE NO.
PEAK REVERSE VOL TAGE
DIMENSIONS
HTD 3
3,000V
See Fig.3
1 mA
0.1
Max. DC Reverse Current @ PRV @ 25 C, I
O
O
O
O
O
O
O
Note1 I at 200 C readings are taken in oil after voltage
R
has been applied to device for 5 minutes.
Exceptional high temperature Stability
up t o 20 0 C
Exceptionally low leakage
Small size
3 KV P RV
U
200 C High Temperature
High Voltage Rectifier Diodes
O
O
R
R (See Note:1)
30
max
See Note 2
-55
to+200
OC
OC
25 V
-55
to+200
OC
OC
A
A
A
EDI reserves the rightto change these specifications at any time without notice.
Our proprietary diffusion and passivation process provides this unusual stability and no leakage drift at these elevated
temperatures. All diodes are subjected to 10 test temperature cycles from -55 C to + 200 C.
O
O
Average Rectified Forward Current, @ 50 C I
Average Rectified Forward Current, @ 200 C I
Max. Forward Voltage Drop at 25 C and 10mA ,VF (Volts)
=25 C Unless Otherwise Specified)
Note 2
All diodes are hot forward swept for forward
stability to maximum temperature of 200 C on
dynamic display on curve trace oscilloscope.
O
Forward Stability Tj 200 C


Similar Part No. - HTD3

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HTD30 EDI-HTD30 Datasheet
41Kb / 2P
Operation High Voltage Rectifier Assemblies
More results

Similar Description - HTD3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
HIGH VOLTAGE RECTIFIER DIODES
logo
Diotec Semiconductor
MBR10100 DIOTEC-MBR10100 Datasheet
135Kb / 2P
High Temperature Schottky Rectifier Diodes
logo
SUNMATE electronic Co.,...
2CL69A SUNMATE-2CL69A Datasheet
206Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA08-12 SUNMATE-ESJA08-12 Datasheet
395Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
ESJG05F16 GETEDZ-ESJG05F16 Datasheet
519Kb / 2P
High Temperature High Voltage Silicon Rectifier Diodes
HV05S04 GETEDZ-HV05S04 Datasheet
511Kb / 2P
High Temperature High Voltage Silicon Rectifier Diodes
logo
Diotec Semiconductor
30CTQ035 DIOTEC-30CTQ035_17 Datasheet
176Kb / 2P
High Temperature Schottky Rectifier Diodes
30CTQ200 DIOTEC-30CTQ200 Datasheet
182Kb / 2P
High Temperature Schottky Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com