Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS218 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS218
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS218 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS218 Datasheet HTML 1Page - Sanyo Semicon Device FSS218 Datasheet HTML 2Page - Sanyo Semicon Device FSS218 Datasheet HTML 3Page - Sanyo Semicon Device FSS218 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS218
No. A0189-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=8A
19
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=8A
3.3
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=8A
3.5
nC
Diode Forward Voltage
VSD
IS=8A, VGS=0V
0.85
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
7005-002
PW=10
µs
D.C.
≤1%
10V
0V
VIN
P.G
50
Ω
G
S
ID=8A
RL=1.875Ω
VDD=15V
VOUT
VIN
D
FSS218
14
5
8
5.0
0.595
1.27
0.2
0.43
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : SOP8
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
RDS(on) -- Ta
Ambient Temperature, Ta --
°C
8
7
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
3.3V
0
9
11
15
13
7
5
3
1
10
12
14
8
6
4
2
0
0.4
1.2
2.0
0.8
1.6
2.4
2.8
3.2
4.0
3.6
VDS=10V
80
40
60
20
10
50
70
30
0
80
40
60
20
10
50
70
30
0
23
45
6
7
8
9
10
IT10720
IT10721
IT10722
IT10723
Ta=25
°C
--60
--40
--20
0
20
40
60
80
100
120
140
160
VGS
=4V
, ID
=4A
VGS=3.0V
ID=8A
4A
VGS
=10V
, ID=8A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com