Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS218 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS218
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS218 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS218 Datasheet HTML 1Page - Sanyo Semicon Device FSS218 Datasheet HTML 2Page - Sanyo Semicon Device FSS218 Datasheet HTML 3Page - Sanyo Semicon Device FSS218 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS218
No. A0189-3/4
7
5
5
3
2
3
1.0
7
5
3
2
10
2
7
5
3
2
0.1
1.0
7
5
3
2
10
0.01
2
7
5
3
2
0.1
2
7
5
3
1.0
2
7
5
3
10
2
7
5
3
3
0.001
0.3
0.4
0.5
0.6
0.7
0.9
0.8
1.0
1.1
1000
3
2
7
5
7
2
3
100
02468
12
10
14
16
Ciss
Coss
Crss
10
9
8
7
6
5
4
3
2
1
0
02
6
10
48
12
14
16
18
20
VDS=10V
ID=8A
IT10724
IT10725
IT10727
IT10728
VDS=10V
f=1MHz
VGS=0V
Ta=
--25
°C
75°
C
0.1
1.0
2
23
5
7
10
2
35
7
3
10
5
7
5
3
2
100
7
2
IT10726
td(off)
td(on)
VDD=15V
VGS=10V
tf
t r
IT10730
IT10729
25°
C
0
20
40
60
80
100
120
140
160
0.2
0
0.4
0.8
1.2
1.6
0.6
1.0
1.4
1.8
2.0
0.1
23
5 7
2
1.0
35 7
2
10
35 7
2 35 7
0.1
7
5
3
2
0.01
0.01
2
1.0
7
5
3
2
10
7
5
3
2
7
5
3
Operation in this
area is limited by RDS(on).
DC
operation
IDP=32A
ID=8A
≤10µs
1ms
10s
10ms
100ms
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
VGS -- Qg
PD -- Ta
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
A S O
Ta=25
°C
Single pulse
Mounted on a ceramic board (2000mm2!0.8mm)
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(2000mm
2!
0.8mm),
PW
≤
10s
yfs -- ID
Drain Current, ID -- A
Drain Current, ID -- A
SW Time -- ID



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com