Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6541 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM6541
Description  E1XC EVALUATION DAUGHTERBOARD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6541 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM6541 Datasheet HTML 17Page - PMC-Sierra, Inc PM6541 Datasheet HTML 18Page - PMC-Sierra, Inc PM6541 Datasheet HTML 19Page - PMC-Sierra, Inc PM6541 Datasheet HTML 20Page - PMC-Sierra, Inc PM6541 Datasheet HTML 21Page - PMC-Sierra, Inc PM6541 Datasheet HTML 22Page - PMC-Sierra, Inc PM6541 Datasheet HTML 23Page - PMC-Sierra, Inc PM6541 Datasheet HTML 24Page - PMC-Sierra, Inc PM6541 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
PMC-Sierra, Inc.
PM6541 E1XC-EVBD
TELECOM STANDARD PRODUCT
PMC-930917
ISSUE 1
E1XC EVALUATION DAUGHTERBOARD
18
C048H
C148H
PMON TSB Control/Status
C049H
C149H
PMON TSB FER Count
C04AH
C14AH
PMON TSB FEBE Count (LSB)
C04BH
C14BH
PMON TSB FEBE Count (MSB)
C04CH
C14CH
PMON TSB CRC Count (LSB)
C04DH
C14DH
PMON TSB CRC Count (MSB)
C04EH
C14EH
PMON TSB LCV Count (LSB)
C04FH
C14FH
PMON TSB LCV Count (MSB)
C059H
C159H
RSLC TSB Configuration
C05DH
C15DH
RSLC TSB Interrupt Enable/Status
DOUT
READ CYCLE
WRITE CYCLE
BALE
BRWB
BA[15:8]
BAD[7:0]
T1XC_WRB
T1XC_RDB
HCT245 DIR
T1XC_CSB
BE_CLOCK
A[7:0]
BA="C0";
BRWB=1
BA °"C0";
BRWB=1
BA="C0";
BRWB=0
BA °"C0";
BRWB=0
DOUT
A[7:0]
DIN
A[7:0]
DIN
A[7:0]
Figure 4: Decode Logic Waveforms
6.3
Clock PLL and DIP Switches
One Mitel MT8940 provides all clocks necessary to drive the 2048 kbit/s backplane
rate supported by the E1XC. The MT8940 is a dual digital PLL which can provide
timing and synchronization signals for T1 or CEPT transmission links and the ST-
BUS . The first PLL provides the T1 clock (1.544 MHz) synchronized to an input
framing pulse. The second PLL provides CEPT or ST-BUS timing signals
synchronized to an internal or external framing pulse signal. For a more detailed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com