Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25Q128FVPF Datasheet(PDF) 3 Page - Winbond

Part # 25Q128FVPF
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

25Q128FVPF Datasheet(HTML) 3 Page - Winbond

  25Q128FVPF Datasheet HTML 1Page - Winbond 25Q128FVPF Datasheet HTML 2Page - Winbond 25Q128FVPF Datasheet HTML 3Page - Winbond 25Q128FVPF Datasheet HTML 4Page - Winbond 25Q128FVPF Datasheet HTML 5Page - Winbond 25Q128FVPF Datasheet HTML 6Page - Winbond 25Q128FVPF Datasheet HTML 7Page - Winbond 25Q128FVPF Datasheet HTML 8Page - Winbond 25Q128FVPF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
W25Q128FV
Publication Release Date: May 13, 2016
- 2 -
Revision M
7.1.4
Top/Bottom Block Protect (TB)
– Volatile/Non-Volatile Writable ....................................................................17
7.1.5
Sector/Block Protect Bit (SEC)
– Volatile/Non-Volatile Writable ....................................................................17
7.1.6
Complement Protect (CMP)
– Volatile/Non-Volatile Writable.........................................................................17
7.1.7
Status Register Protect (SRP1, SRP0)
– Volatile/Non-Volatile Writable........................................................17
7.1.8
Erase/Program Suspend Status (SUS)
– Status Only....................................................................................18
7.1.9
Security Register Lock Bits (LB3, LB2, LB1)
– Volatile/Non-Volatile OTP Writable .......................................18
7.1.10
Quad Enable (QE)
– Volatile/Non-Volatile Writable..........................................................................18
7.1.11
Write Protect Selection (WPS)
– Volatile/Non-Volatile Writable.......................................................19
7.1.12
Output Driver Strength (DRV1, DRV0)
– Volatile/Non-Volatile Writable ...........................................19
7.1.13
HOLD or /RESET Pin Function (HOLD/RST)
– Volatile/Non-Volatile Writable .................................19
7.1.14
Reserved Bits
– Non Functional .......................................................................................................20
7.1.15
W25Q128FV Status Register Memory Protection (WPS = 0, CMP = 0)...........................................21
7.1.16
W25Q128FV Status Register Memory Protection (WPS = 0, CMP = 1)...........................................22
7.1.17
W25Q128FV Individual Block Memory Protection (WPS=1) ............................................................23
8. INSTRUCTIONS...................................................................................................................................... 24
8.1
Device ID and Instruction Set Tables.............................................................................................. 24
8.1.1
Manufacturer and Device Identification ..........................................................................................................24
8.1.2
Instruction Set Table 1 (Standard/Dual/Quad SPI Instructions)(1) ..................................................................25
8.1.3
Instruction Set Table 2 (Standard/Dual/Quad SPI Instructions)(1) ..................................................................26
8.1.4
Instruction Set Table 3 (QPI Instructions)(14) ..................................................................................................27
8.2
Instruction Descriptions................................................................................................................... 29
8.2.1
Write Enable (06h) .........................................................................................................................................29
8.2.2
Write Enable for Volatile Status Register (50h) ..............................................................................................29
8.2.3
Write Disable (04h).........................................................................................................................................30
8.2.4
Read Status Register-1 (05h), Status Register-2 (35h) & Status Register-3 (15h) ........................................30
8.2.5
Write Status Register-1 (01h), Status Register-2 (31h) & Status Register-3 (11h) ........................................31
8.2.6
Read Data (03h) .............................................................................................................................................34
8.2.7
Fast Read (0Bh) .............................................................................................................................................35
8.2.8
Fast Read Dual Output (3Bh) .........................................................................................................................37
8.2.9
Fast Read Quad Output (6Bh)........................................................................................................................38
8.2.10
Fast Read Dual I/O (BBh) .................................................................................................................39
8.2.11
Fast Read Quad I/O (EBh)................................................................................................................41
8.2.12
Word Read Quad I/O (E7h) ..............................................................................................................44
8.2.13
Octal Word Read Quad I/O (E3h) .....................................................................................................46
8.2.14
Set Burst with Wrap (77h).................................................................................................................48
8.2.15
Page Program (02h) .........................................................................................................................49
8.2.16
Quad Input Page Program (32h).......................................................................................................51
8.2.17
Sector Erase (20h)............................................................................................................................52
8.2.18
32KB Block Erase (52h)....................................................................................................................53
8.2.19
64KB Block Erase (D8h) ...................................................................................................................54
8.2.20
Chip Erase (C7h / 60h) .....................................................................................................................55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com