Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25Q128FVPF Datasheet(PDF) 13 Page - Winbond

Part # 25Q128FVPF
Description  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

25Q128FVPF Datasheet(HTML) 13 Page - Winbond

Back Button 25Q128FVPF Datasheet HTML 9Page - Winbond 25Q128FVPF Datasheet HTML 10Page - Winbond 25Q128FVPF Datasheet HTML 11Page - Winbond 25Q128FVPF Datasheet HTML 12Page - Winbond 25Q128FVPF Datasheet HTML 13Page - Winbond 25Q128FVPF Datasheet HTML 14Page - Winbond 25Q128FVPF Datasheet HTML 15Page - Winbond 25Q128FVPF Datasheet HTML 16Page - Winbond 25Q128FVPF Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
W25Q128FV
Publication Release Date: May 13, 2016
- 12 -
Revision M
6.FUNCTIONAL DESCRIPTIONS
6.1 SPI / QPI Operations
Power Up
Standard SPI
Dual SPI
Quad SPI
QPI
Enable QPI (38h)
Disable QPI (FFh)
SPI Reset
(66h + 99h)
QPI Reset
(66h + 99h)
Device Initialization
& Status Register Refresh
(Non-Volatile Cells)
Hardware
Reset
Hardware
Reset
Figure 3. W25Q128FV Serial Flash Memory Operation Diagram
6.1.1 Standard SPI Instructions
The W25Q128FV is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (/CS), Serial Data Input (DI) and Serial Data Output (DO). Standard SPI instructions
use the DI input pin to serially write instructions, addresses or data to the device on the rising edge of
CLK. The DO output pin is used to read data or status from the device on the falling edge of CLK.
SPI bus operation Mode 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0 and
Mode 3 concerns the normal state of the CLK signal when the SPI bus master is in standby and data is
not being transferred to the Serial Flash. For Mode 0, the CLK signal is normally low on the falling and
rising edges of /CS. For Mode 3, the CLK signal is normally high on the falling and rising edges of /CS.
6.1.2 Dual SPI Instructions
The W25Q
128FV supports Dual SPI operation when using instructions such as “Fast Read Dual Output
(3Bh)” and “Fast Read Dual I/O (BBh)”. These instructions allow data to be transferred to or from the
device at two to three times the rate of ordinary Serial Flash devices. The Dual SPI Read instructions
are ideal for quickly downloading code to RAM upon power-up (code-shadowing) or for executing non-
speed-critical code directly from the SPI bus (XIP). When using Dual SPI instructions, the DI and DO
pins become bidirectional I/O pins: IO0 and IO1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com