Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3910CSSS Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 2Page - Texas Instruments ADC3910CSSS Datasheet HTML 3Page - Texas Instruments ADC3910CSSS Datasheet HTML 4Page - Texas Instruments ADC3910CSSS Datasheet HTML 5Page - Texas Instruments ADC3910CSSS Datasheet HTML 6Page - Texas Instruments ADC3910CSSS Datasheet HTML 7Page - Texas Instruments ADC3910CSSS Datasheet HTML 8Page - Texas Instruments ADC3910CSSS Datasheet HTML 9Page - Texas Instruments ADC3910CSSS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6.5 Electrical Characteristics - Power Consumption
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, AVDD = IOVDD = 1.8 V, FIN = 5MHz, AIN = -1dBFS, Internal 1.2 V reference, 5 pF
output load, and 50% clock duty cycle, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3908D025
IAVDD
Analog supply current
Fs = 25MSPS, dual channel, DDR
CMOS
28
31
mA
IIOVDD
Digital supply current
3
9
mA
PDIS
Power dissipation
56
mW
ADC3908S025
IAVDD
Analog supply current
Fs = 25MSPS, single channel, SDR
CMOS
19
22
mA
IIOVDD
Digital supply current
3
8
mA
PDIS
Power dissipation
40
mW
ADC3908D065
IAVDD
Analog supply current
Fs = 65MSPS, dual channel, DDR
CMOS
32
34
mA
IIOVDD
Digital supply current
7
14
mA
PDIS
Power dissipation
70
mW
ADC3908S065
IAVDD
Analog supply current
Fs = 65MSPS, single channel, SDR
CMOS
21
24
mA
IIOVDD
Digital supply current
6
13
mA
PDIS
Power dissipation
49
mW
ADC3908D125
IAVDD
Analog supply current
Fs = 125MSPS, dual channel, DDR
CMOS
38
40
mA
IIOVDD
Digital supply current
12
21
mA
PDIS
Power dissipation
90
mW
ADC3908S125
IAVDD
Analog supply current
Fs = 125MSPS, single channel, SDR
CMOS
24
27
mA
IIOVDD
Digital supply current
10
18
mA
PDIS
Power dissipation
61
mW
Power down
PDIS
Power consumption in power down
3
mW
6.6 Electrical Characteristics - DC Specifications
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, Internal 1.2 V reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY (25 MSPS)
No missing codes
8
bits
DNL
Differential nonlinearity
-0.35
±0.15
+0.35
LSB
INL
Integral nonlinearity
-0.6
±0.25
+0.6
LSB
VOS_ERR
Offset error
-2.75
±1
+2.75
LSB
VOS_DRIFT
Offset drift over temperature
0.001
LSB/ºC
GAINERR
Gain error
Internal Reference
±0.8
%FSR
GAINDRIFT
Gain drift over temperature
Internal Reference
-102
ppm/ºC
DC ACCURACY (65 MSPS)
No missing codes
8
bits
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com