Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3910CSSS Datasheet(PDF) 19 Page - Texas Instruments

Part # ADC3910CSSS
Description  ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3910CSSS Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC3910CSSS Datasheet HTML 15Page - Texas Instruments ADC3910CSSS Datasheet HTML 16Page - Texas Instruments ADC3910CSSS Datasheet HTML 17Page - Texas Instruments ADC3910CSSS Datasheet HTML 18Page - Texas Instruments ADC3910CSSS Datasheet HTML 19Page - Texas Instruments ADC3910CSSS Datasheet HTML 20Page - Texas Instruments ADC3910CSSS Datasheet HTML 21Page - Texas Instruments ADC3910CSSS Datasheet HTML 22Page - Texas Instruments ADC3910CSSS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
6.14 Typical Characteristics - 125MSPS
Typical values at TA = 25°C, ADC sampling rate = 125MSPS, AIN = –1dBFS, differential input, AVDD = IOVDD = 1.8V,
internal 1.2V voltage reference, unless otherwise noted.
Input Frequency (MHz)
0
5
10
15
20
25
30
35
40
45
50
55
6062.5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 49.8dBFS, SFDR = 62dBc, Non-HD23 = 69dBFS
Figure 6-36. Single Tone FFT at FIN = 10MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 49.5dBFS, SFDR = 63dBc, Non-HD23 = 69dBFS
Figure 6-37. Single Tone FFT at FIN = 5MHz, Single-ended input
Input Frequency (MHz)
0
10
20
30
40
50
60
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 49.8dBFS, SFDR = 66dBc, Non-HD23 = 69dBFS
Figure 6-38. Single Tone FFT at FIN = 40MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 49.8dBFS, SFDR = 60dBc, Non-HD23 = 68dBFS
Figure 6-39. Single Tone FFT at FIN = 70MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
SNR = 49.8dBFS, SFDR = 67dBc, Non-HD23 = 68dBFS
Figure 6-40. Single Tone FFT at FIN = 90MHz
Input Frequency (MHz)
0
10
20
30
40
50
60
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
AIN = -7dBFS/tone, IMD3 = -87dBc
Figure 6-41. Two Tone FFT at FIN = 8/10MHz
www.ti.com
ADC3908D025, ADC3908D065, ADC3908D125
ADC3908S025, ADC3908S065, ADC3908S125
SBASAU9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: ADC3908D025 ADC3908D065 ADC3908D125 ADC3908S025 ADC3908S065 ADC3908S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com