Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW0004 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCW0004
Description  Capacitive Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCW0004 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCW0004 Datasheet HTML 1Page - Balluff Korea Ltd. BCW0004 Datasheet HTML 2Page - Balluff Korea Ltd. BCW0004 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Capacitive Sensors
BCW F03EA85-XXSFNC-EP00,3-GZ01
Order Code: BCW0004
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 283906
ETIM 6.0: EC002715
BCW0004_1.1_2024-09-20
1 / 3
1) Sensing surface, 2) Housing, 03) Fixation, 4) Measuring length min., 05) name plate
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-7
Scope of delivery
Short guide
Sealing tape
Sensitivity
adjustable on base unit
Series
F03
Display/Operation
Function indicator
no
Power indicator
no
Electrical connection
Cable diameter D
2.9 mm
Cable length L
0.3 m
Connection
Binder 719, 3-pin
Number of conductors
3
Number of pins
3
Short-circuit protection
yes
Electrical data
No-load current Io max. at Ue
8 mA
Operating voltage Ub
4...8 VDC
Rated insulation voltage Ui
75 V DC
Rated operating voltage Ue DC
8 V
Ripple max. (% of Ue)
5 %
Switching frequency
50 Hz
Utilization category
DC -13
Environmental conditions
Ambient temperature
0...60 °C
Contamination scale
2
IP rating
IP64
IP rating (connector)
IP40
IP rating IEC 60529 (connector)
IP40
Functional safety
MTTF (40 °C)
472 a
Interface
Interface
Special interface
Material
Housing material
PET
PA
Material jacket
TPU
Material sensing surface
3M VHB 5925


Similar Part No. - BCW0004

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
BCW1012KW GWSEMI-BCW1012KW Datasheet
723Kb / 4P
Plastic-Encapsulate MOSFETS
logo
NXP Semiconductors
BCW29 PHILIPS-BCW29 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 Apr 13
logo
KEC(Korea Electronics)
BCW29 KEC-BCW29 Datasheet
127Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Diotec Semiconductor
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results

Similar Description - BCW0004

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCS0179 BALLUFF-BCS0179 Datasheet
154Kb / 2P
Capacitive Sensors
BCS017H BALLUFF-BCS017H Datasheet
106Kb / 2P
Capacitive Sensors
BCS004K BALLUFF-BCS004K Datasheet
120Kb / 2P
Capacitive Sensors
BCS004M BALLUFF-BCS004M Datasheet
120Kb / 2P
Capacitive Sensors
BCS004T BALLUFF-BCS004T Datasheet
120Kb / 2P
Capacitive Sensors
BCS012T BALLUFF-BCS012T Datasheet
134Kb / 3P
Capacitive Sensors
BCS012U BALLUFF-BCS012U Datasheet
140Kb / 3P
Capacitive Sensors
BCS00PJ BALLUFF-BCS00PJ Datasheet
119Kb / 2P
Capacitive Sensors
BCS00PZ BALLUFF-BCS00PZ Datasheet
118Kb / 2P
Capacitive Sensors
BCS00TL BALLUFF-BCS00TL Datasheet
121Kb / 2P
Capacitive Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com