Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW0004 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCW0004
Description  Capacitive Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCW0004 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCW0004 Datasheet HTML 1Page - Balluff Korea Ltd. BCW0004 Datasheet HTML 2Page - Balluff Korea Ltd. BCW0004 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Capacitive Sensors
BCW F03EA85-XXSFNC-EP00,3-GZ01
Order Code: BCW0004
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 283906
ETIM 6.0: EC002715
BCW0004_1.1_2024-09-20
2 / 3
Mechanical data
Dimension
33 x 2 x 850 mm
Installation
flush with container outer wall
Mounting part
Self-adhesive
2-hole screw mount
Weight
43 g
Range/Distance
Measuring range
850 mm
Non-linearity max.
±8 % FS
Repeat accuracy
2 %FS
Temperature drift max. from end value
±10.0 %
Remarks
The product may only be used such that when there is a malfunction or total failure there is no risk to life and limb, machines or other high value equipment.
Malfunctions possible in the range of the working frequency 0.6...30 MHz
Non-linearity / accuracy within 10...90% of measuring range: 4%
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com