Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064RGFTQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB1064RGFTQ1
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064RGFTQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1064RGFTQ1 Datasheet HTML 1Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 2Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 3Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 4Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 5Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 6Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 7Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 8Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
4 Pin Configuration and Functions
Thermal
pad
1
RX1p
2
RX1n
3
EQ0
4
TX1p
5
TX1n
6
EQ1
7
RX2n
8
RX2p
9
I2C_EN
10
TX2n
11
TX2p
12
VCC
21
EN
22
DP3n
23
DP3p
24
HPDIN
25
DP2n
26
DP2p
27
DPEQ0/A1
28
DP0n
29
DP0p
30
SSEQ0/A0
31
DP1n
32
DP1p
Not to scale
Figure 4-1. RGF Package, 40-Pin (VQFN) (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DP0p
32
Diff O
DP differential positive output for DisplayPort Lane 0.
DP0n
31
Diff O
DP differential negative output for DisplayPort Lane 0.
DP1p
29
Diff O
DP differential positive output for DisplayPort Lane 1.
DP1n
28
Diff O
DP differential negative output for DisplayPort Lane 1.
DP2p
26
Diff O
DP differential positive output for DisplayPort Lane 2.
DP2n
25
Diff O
DP differential negative output for DisplayPort Lane 2.
DP3p
23
Diff O
DP differential positive output for DisplayPort Lane 3.
DP3n
22
Diff O
DP differential negative output for DisplayPort Lane 3.
TX1n
2
Diff I/O
Differential negative input for DisplayPort or differential negative output for USB3.2
upstream facing port.
TX1p
1
Diff I/O
Differential positive input for DisplayPort or differential positive output for USB3.2
upstream facing port.
RX1n
5
Diff I
Differential negative input for DisplayPort or USB3 upstream facing port.
RX1p
4
Diff I
Differential positive input for DisplayPort or USB3 upstream facing port.
RX2p
8
Diff I
Differential positive input for DisplayPort or USB3 upstream facing port.
RX2n
7
Diff I
Differential negative input for DisplayPort or USB3 upstream facing port.
www.ti.com
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com